Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T2096G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # T2096G-TN3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

T2096G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  T2096G-TN3-R Datasheet HTML 1Page - Unisonic Technologies T2096G-TN3-R Datasheet HTML 2Page - Unisonic Technologies T2096G-TN3-R Datasheet HTML 3Page - Unisonic Technologies T2096G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T2096
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R213-017. C
SWITCHING TIME TEST CIRCUIT
PW=20μS
D. C
≤1%
IB1
RB
VR
50Ω
VBE= -5V
INPUT
470μF
VCC=200V
OUTPUT
IB2
RL
+
+
100μF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com