Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

24C01A Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C01A
Description  1K/2K/4K 5.0V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01A Datasheet(HTML) 3 Page - Microchip Technology

  24C01A Datasheet HTML 1Page - Microchip Technology 24C01A Datasheet HTML 2Page - Microchip Technology 24C01A Datasheet HTML 3Page - Microchip Technology 24C01A Datasheet HTML 4Page - Microchip Technology 24C01A Datasheet HTML 5Page - Microchip Technology 24C01A Datasheet HTML 6Page - Microchip Technology 24C01A Datasheet HTML 7Page - Microchip Technology 24C01A Datasheet HTML 8Page - Microchip Technology 24C01A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11183D-page 3
24C01A/02A/04A
TABLE 1-3:
AC CHARACTERISTICS
FIGURE 1-2:
BUS TIMING DATA
Parameter
Symbol
Min.
Typ
Max.
Units
Remarks
Clock frequency
FCLK
—
—
100
kHz
Clock high time
THIGH
4000
—
—
ns
Clock low time
TLOW
4700
—
—
ns
SDA and SCL rise time
TR
—
—
1000
ns
SDA and SCL fall time
TF
—
—
300
ns
START condition hold time
THD:STA
4000
—
—
ns
After this period the first
clock pulse is generated
START condition setup time
TSU:STA
4700
—
—
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0—
—
ns
Data input setup time
TSU:DAT
250
—
—
ns
Data output delay time
TAA
300
—
3500
(Note 1)
STOP condition setup time
TSU:STO
4700
—
—
ns
Bus free time
TBUF
4700
—
—
ns
Time the bus must be free
before a new transmission
can start
Input filter time constant
(SDA and SCL pins)
TI
—
—
100
ns
Program cycle time
TWC
—
.4
1
ms
Byte mode
.4N
N
ms
Page mode, N=# of bytes
Endurance
—
1M
—
—
cycles
25
°C, Vcc = 5.0V, Block
Mode (Note 2)
Note 1: As transmitter the device must provide this internal minimum delay time to bridge the undefined region (min-
imum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.
TSU:STA
TF
TLOW
THIGH
TR
THD:DAT
TSU:DAT
TSU:STO
THD:STA
TBUF
TAA
TAA
TSP
THD:STA
SCL
SDA
IN
SDA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com