Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS500 Datasheet(PDF) 20 Page - Microchip Technology

Part # HCS500
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 20 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 16Page - Microchip Technology HCS500 Datasheet HTML 17Page - Microchip Technology HCS500 Datasheet HTML 18Page - Microchip Technology HCS500 Datasheet HTML 19Page - Microchip Technology HCS500 Datasheet HTML 20Page - Microchip Technology HCS500 Datasheet HTML 21Page - Microchip Technology HCS500 Datasheet HTML 22Page - Microchip Technology HCS500 Datasheet HTML 23Page - Microchip Technology HCS500 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
HCS500
DS40153B-page 20
Preliminary
© 1997 Microchip Technology Inc.
8.1
AC Electrical Characteristics
8.1.1
COMMAND MODE ACTIVATION
8.1.2
READ FROM USER EEPROM COMMAND
8.1.3
WRITE TO USER EEPROM COMMAND
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70°C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
TREQ
Command request time
0.0050
—
500
ms
TRESP
Microcontroller request
acknowledge time
—
—
1
ms
TACK
Decoder acknowledge time
—
—
4
µs
TSTART
Start command mode to first
command bit
20
—
1000
µs
TCLKH
Clock high time
20
—
1000
µs
TCLKL
Clock low time
20
—
1000
µs
FCLK
Clock frequency
500
—
25000
Hz
TDS
Data hold time
14
—
—
µs
TCMD
Command validate time
—
—
10
µs
TADDR
Address validate time
—
—
10
µs
TDATA
Data validate time
—
—
10
µs
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70°C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
TRD
Decoder EEPROM read time
400
—
1500
µs
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70°C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
TWR
Write command activation time
20
—
1000
µs
TACK
EEPROM write acknowledge time
—
—
10
ms
TRESP
Microcontroller acknowledge
response time
20
—
1000
µs
TACK2
Decoder response
acknowledge time
—
—
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com