Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP38856 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38856 Datasheet(HTML) 2 Page - Texas Instruments

  LP38856 Datasheet HTML 1Page - Texas Instruments LP38856 Datasheet HTML 2Page - Texas Instruments LP38856 Datasheet HTML 3Page - Texas Instruments LP38856 Datasheet HTML 4Page - Texas Instruments LP38856 Datasheet HTML 5Page - Texas Instruments LP38856 Datasheet HTML 6Page - Texas Instruments LP38856 Datasheet HTML 7Page - Texas Instruments LP38856 Datasheet HTML 8Page - Texas Instruments LP38856 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LP38856
SNVS336F – JUNE 2006 – REVISED AUGUST 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 10
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 11
2
Applications ........................................................... 1
8
Application and Implementation ........................ 12
3
Description ............................................................. 1
8.1
Application Information............................................ 12
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 12
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 14
6
Specifications......................................................... 3
10
Layout................................................................... 15
6.1
Absolute Maximum Ratings ...................................... 3
10.1
Layout Guidelines ................................................. 15
6.2
ESD Ratings ............................................................ 3
10.2
Layout Example .................................................... 15
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 16
6.4
Thermal Information ................................................. 4
11.1
Community Resources.......................................... 16
6.5
Electrical Characteristics........................................... 4
11.2
Trademarks ........................................................... 16
6.6
Typical Characteristics .............................................. 6
11.3
Electrostatic Discharge Caution ............................ 16
7
Detailed Description ............................................ 10
11.4
Glossary ................................................................ 16
7.1
Overview ................................................................. 10
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 10
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2013) to Revision F
Page
•
Added Device Information and Pin Configuration and Functions sections, ESD Ratings table, Feature Description,
Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout, Device and
Documentation Support, and Mechanical, Packaging, and Orderable Information sections; remove lead temp from
Abs Max (in POA), remove obsolete heatsinking content ...................................................................................................... 1
Changes from Revision D (April 2013) to Revision E
Page
•
Changed layout of National data sheet to TI format ............................................................................................................ 14
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com