Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC3400 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC3400
Description  1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3400 Datasheet(HTML) 4 Page - Microchip Technology

  TC3400 Datasheet HTML 1Page - Microchip Technology TC3400 Datasheet HTML 2Page - Microchip Technology TC3400 Datasheet HTML 3Page - Microchip Technology TC3400 Datasheet HTML 4Page - Microchip Technology TC3400 Datasheet HTML 5Page - Microchip Technology TC3400 Datasheet HTML 6Page - Microchip Technology TC3400 Datasheet HTML 7Page - Microchip Technology TC3400 Datasheet HTML 8Page - Microchip Technology TC3400 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC3400
DS21409B-page 4
© 2002 Microchip Technology Inc.
TC3400 AC ELECTRICAL SPECIFICATIONS
SCLK
VIL
Input Low Voltage
—
—
0.3xVDD
V
VIH
Input High Voltage
0.7xVDD
——
V
ILEAK
Leakage Current
—
1
—
µA
SDAT
VOL
Output Low Voltage
—
—
0.4
V
IOL =1.5mA
VOH
Output High Voltage (SDAT)
0.9 x VDD
——
V
ISOURCE =400µA (Note 3)
Electrical Characteristics: TA = 25°C and VDD = 2.7V, unless otherwise specified. Boldface type specifications apply for
temperatures of 0°C to 85°C. VREF = 1.25V, Internal Clock Frequency = 520kHz.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
t1
Resolution Reduction Clock Width
1
—
—
µsec
Width of SCLK (Negative)
t2
Resolution Reduction Clock Width
1
—
—
µsec
Width of SCLK (Positive)
t3
Conversion Time (15-bit Plus Sign)
—
125
—
msec
16-bit Conversion, TA =25°C (Note 1)
Conversion Time (14-bit Plus Sign)
—
t3/2.0
—
msec
15-bit Conversion
Conversion Time (13-bit Plus Sign)
—
t3/4.0
—
msec
14-bit Conversion
Conversion Time (12-bit Plus Sign)
—
t3/7.8
—
msec
13-bit Conversion
Conversion Time (11-bit Plus Sign)
—
t3/15.1
—
msec
12-bit Conversion
Conversion Time (10-bit Plus Sign)
—
t3/28.6
—
msec
11-bit Conversion
Conversion Time (9-bit Plus Sign)
—
t3/51.4
—
msec
10-bit Conversion
t4
Resolution Reduction Window
—
t3/85.7
—
msec
Width of SCLK
t5
SCLK to Data Valid
1000
—
—
nsec
SCLK Falling Edge to SDAT Valid
t8
Acknowledge Delay
—
—
1000
nsec
SCLK to SDAT Delay
Note
1:
Nominal temperature drift is -2830ppm/C° for temperature less than 25°C and -1340ppm/°C for temperatures
greater than 25°C
.
TC3400 DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: TA = 25°C and VDD = 2.7V, unless otherwise specified. Boldface type specifications apply for
temperatures of 0°C to 85°C. VREF = 1.25V, Internal Clock Frequency = 520kHz.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
Differential input voltage defined as (VIN+–VIN-).
2:
Resistance from INn+ to INn- or INn to GND.
3:
@VDD =1.8V, ISOURCE ≤ 200µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com