Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC3402 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC3402
Description  1.8 Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3402 Datasheet(HTML) 5 Page - Microchip Technology

  TC3402 Datasheet HTML 1Page - Microchip Technology TC3402 Datasheet HTML 2Page - Microchip Technology TC3402 Datasheet HTML 3Page - Microchip Technology TC3402 Datasheet HTML 4Page - Microchip Technology TC3402 Datasheet HTML 5Page - Microchip Technology TC3402 Datasheet HTML 6Page - Microchip Technology TC3402 Datasheet HTML 7Page - Microchip Technology TC3402 Datasheet HTML 8Page - Microchip Technology TC3402 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21411B-page 5
TC3402
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(16-Pin PDIP)
(16-Pin QSOP)
Symbol
Description
1
IN1+
Analog Input. This is the positive terminal of a true differential input consisting of IN1+ and IN1-.
VIN1 = (IN1+ – IN-). See Section 1.0, Electrical Characteristics.
2
IN1-
Analog Input. This is the negative terminal of a true differential input consisting of IN1+ and IN1-.
VIN1 = (IN+ – IN-) IN1- can swing to, but not below, ground. See Section 1.0, Electrical Characteristics.
3
IN2+
Analog Input. This is the positive terminal of a true differential input consisting of IN2+ and IN2-.
VIN2 = (IN2+ – IN-). (See Section 1.0, Electrical Characteristics.)
4
IN2-
Analog Input. This is the negative terminal of a true differential input consisting of IN2+ and N2-.
VIN2 = (IN+ – IN-) IN2- can swing to, but not below, ground. See Section 1.0, Electrical Characteristics.
5
IN3+
Analog Input. This is the positive terminal of a true differential input consisting of IN3+ and IN3-.
VIN3 = (IN3+ – IN-). See Section 1.0, Electrical Characteristics.
6
IN3-
Analog Input. This is the negative terminal of a true differential input consisting of IN3+ and IN3-.
VIN3 = (IN+ – IN-) IN1- can swing to, but not below, ground. See Section 1.0, Electrical Characteristics.
7REFIN
Analog Input. The converter’s reference voltage is the differential between this pin and ground times
two. It maybetieddirectlytoREFOUT or scaled using a resistor divider. Any user supplied reference
voltagelessthan 1.25V maybeusedinplace of REFOUT.
8
GND
Ground Terminal.
9REFOUT Analog Output. The internal reference connects to this pin. It may be scaled externally and tied to the
REFIN input to provide the converter’s reference voltage. Care must be taken in connecting external
circuitrytothispin.
10
SDAT
Digital Output (push-pull). This is the microPort™ serial data output. SDAT is driven low while the
TC3402 is converting data, effectively providing a “busy” signal. After the conversion is complete,
every high to low transition on the SCLK pin puts a bit from the resulting data word on the SDAT pin
(from MSB to LSB).
11
IN4-
Analog Input. This is the negative terminal of a true differential input consisting of IN4+ and IN4-.
VIN4 = (IN+ – IN-) IN4- can swing to, but not below, ground. See Section 1.0, Electrical Characteristics.
12
IN4+
Analog Input. This is the positive terminal of a true differential input consisting of IN4+ and IN4-.
VIN4 = (IN4+ – IN-). See Section 1.0, Electrical Characteristics.
13
A1
Digital Input. Controls analog multiplexer in conjunction with A0 to select one of the four Input
channels. This address is latched at the falling edge of the SCLK, which starts an A/D conversion.
A1, A0 = 00 = Input 1; 01 = Input 2; 10 = Input 3; 11 = Input 4.
14
A0
Digital Input. Controls analog multiplexer in conjunction with A1 to selec one of four Input
channels. This address is latched at the falling edge of the SCLK, which starts an A/D conversion.
A1, A0 = 00 = Input 1; 01 = Input 2; 10 = Input 3; 11 = Input 4.
15
SCLK
Digital Input. This is the microPort™ serial clock input. The TC3402 comes out of Sleep mode and a
conversion cycle begins when this pin is driven low. After the conversion starts, each additional falling
edge (up to six) detected on SCLK for t4 seconds reduces the A/D resolution by one bit. When the
conversion is complete, the data word can be shifted out on the SDAT pin by clocking the SCLK pin.
16
VDD
Power Supply Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com