Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC3405 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC3405
Description  16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3405 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC3405 Datasheet HTML 5Page - Microchip Technology TC3405 Datasheet HTML 6Page - Microchip Technology TC3405 Datasheet HTML 7Page - Microchip Technology TC3405 Datasheet HTML 8Page - Microchip Technology TC3405 Datasheet HTML 9Page - Microchip Technology TC3405 Datasheet HTML 10Page - Microchip Technology TC3405 Datasheet HTML 11Page - Microchip Technology TC3405 Datasheet HTML 12Page - Microchip Technology TC3405 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21414B-page 9
TC3405
FIGURE 3-5:
A/D OPERATIONAL FLOWCHART
Yes
No
Yes
No
Yes
Yes
Yes
No
No
No
Yes
Yes
No
Yes
No
POR
Sleep
SDAT = High
SCLK
Hgh to Low?
Power Up Analog,
Start CONVCLK (= 0),
Start Conversion,
Resolution = 2m
(m = 16), Latch Input
Channel Address (if applicable).
SCLK
Low to High
transition?
SDAT = Low
CONVCLK
< 29?
SCLK
High to Low?
A/D
Resolution
> 210?
Reduce A/D
Resolution by 1-bit
(m = m – 1);
SDAT = High
SDAT = Low
CONVCLK = 2m?
(Conversion Done?)
Power Down Analog,
Conversion Complete,
SDAT = High
SCLK
High to Low?
SDAT = Dm;
m = m – 1
m
≥ 0?
SDAT = High
Internal Reset
Sleep
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com