Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SGC101BSA Datasheet(PDF) 2 Page - Surge Components

Part # SGC101BSA
Description  Reverse Voltage 100V Forward Current 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SGC101BSA Datasheet(HTML) 2 Page - Surge Components

  SGC101BSA Datasheet HTML 1Page - Surge Components SGC101BSA Datasheet HTML 2Page - Surge Components SGC101BSA Datasheet HTML 3Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com