Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC654 Datasheet(PDF) 23 Page - Microchip Technology

Part # TC654
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654 Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC654 Datasheet HTML 19Page - Microchip Technology TC654 Datasheet HTML 20Page - Microchip Technology TC654 Datasheet HTML 21Page - Microchip Technology TC654 Datasheet HTML 22Page - Microchip Technology TC654 Datasheet HTML 23Page - Microchip Technology TC654 Datasheet HTML 24Page - Microchip Technology TC654 Datasheet HTML 25Page - Microchip Technology TC654 Datasheet HTML 26Page - Microchip Technology TC654 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
 2002 Microchip Technology Inc.
DS21734A-page 23
TC654/TC655
7.3
Temperature Sensor Design
As discussed in previous sections, the VIN analog input
has a range of 1.62 V to 2.6 V (typical), which repre-
sents a duty cycle range on the VOUT output of 30% to
100%, respectively. The VIN voltages can be thought of
as representing temperatures. The 1.62 V level is the
low temperature at which the system only requires 30%
fan speed for proper cooling. The 2.6 V level is the high
temperature, for which the system needs maximum
cooling capability. Therefore, the fan needs to be at
100% speed.
One of the simplest ways of sensing temperature over
a given range is to use a thermistor. By using an NTC
thermistor as shown in Figure 7-3, a temperature vari-
ant voltage can be created.
FIGURE 7-3:
Temperature Sensing
Circuit.
Figure 7-3 represents a temperature dependent volt-
age divider circuit. Rt is a conventional NTC thermistor,
R1 and R2 are standard resistors. R1 and Rt form a par-
allel resistor combination that will be referred to as
RTEMP (RTEMP = R1 * Rt/ R1 + Rt). As the temperature
increases, the value of Rt decreases and the value of
RTEMP will decrease with it. Accordingly, the voltage at
VIN increases as temperature increases, giving the
desired relationship for the VIN input. The purpose of
R1 is to help linearize the response of the sensing net-
work. Figure 7-4 shows an example of this.
There are many values that can be chosen for the NTC
thermistor. There are also thermistors which have a lin-
ear resistance instead of logarithmic, which can help to
eliminate R1. If less current draw from VDD is desired,
then a larger value thermistor should be chosen. The
voltage at the VIN pin can also be generated by a volt-
age output temperature sensor device. The key is to
get the desired VIN voltage to system (or component)
temperature relationship.
The following equations apply to the circuit in
Figure 7-3.
EQUATION
In order to solve for the values of R1 and R2, the values
for VIN and the temperatures at which they are to occur
need to be selected. The variables, t1 and t2, represent
the selected temperatures. The value of the thermistor
at these two temperatures can be found in the ther-
mistor data sheet. With the values for the thermistor
and the values for VIN, you now have two equations
from which the values for R1 and R2 can be found.
Example: The following design goals are desired:
• Duty Cycle = 50% (VIN = 1.9 V) with Temperature
(t1) = 30°C
• Duty Cycle = 100% (VIN = 2.6 V) with Tempera-
ture (t2) = 60°C
Using a 100 k
Ω thermistor (25°C value), we look up the
thermistor values at the desired temperatures:
•Rt = 79428 Ω @ 30°C
•Rt = 22593 Ω @ 60°C
Substituting these numbers into the given equations,
we come up with the following numbers for R1 and R2.
•R1 = 34.8 kΩ
•R2 = 14.7 kΩ
FIGURE 7-4:
How Thermistor Resistance,
VIN, And RTEMP Vary With Temperature.
Figure 7-4 graphs three parameters versus tempera-
ture. They are Rt, R1 in parallel with Rt, and VIN. As
described earlier, you can see that the thermistor has a
logarithmic resistance variation. When put in parallel
with R1, though, the combined resistance becomes
more linear, which is the desired effect. This gives us
the linear looking curve for VIN.
R2
R1
Rt
IDIV
VIN
VDD
Vt1
()
VDD R2
×
RTEMP t1
() R2
+
----------------------------------------
=
Vt2
()
VDD R2
×
RTEMP t2
() R2
+
----------------------------------------
=
0
20000
40000
60000
80000
100000
120000
140000
Temperature (ºC)
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
NTC Thermistor
100K @ 25ºC
VIN Voltage
RTEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com