Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM5117 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5117
Description  Wide Input Range Synchronous Buck Controller with Analog Current Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5117 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5117_15 Datasheet HTML 17Page - Texas Instruments LM5117_15 Datasheet HTML 18Page - Texas Instruments LM5117_15 Datasheet HTML 19Page - Texas Instruments LM5117_15 Datasheet HTML 20Page - Texas Instruments LM5117_15 Datasheet HTML 21Page - Texas Instruments LM5117_15 Datasheet HTML 22Page - Texas Instruments LM5117_15 Datasheet HTML 23Page - Texas Instruments LM5117_15 Datasheet HTML 24Page - Texas Instruments LM5117_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
LM5117, LM5117-Q1
www.ti.com
SNVS698F – APRIL 2011 – REVISED AUGUST 2015
Feature Description (continued)
7.3.11 Maximum Duty Cycle
When operating with a high PWM duty cycle, the high-side NMOS device is forced off each cycle for 320ns to
ensure that CHB is recharged and to allow time to sample and hold the current in the low-side NMOS FET. This
forced off-time limits the maximum duty cycle of the controller. When designing a regulator with high switching
frequency and high duty cycle requirements, a check should be made of the required maximum duty cycle
against the graph shown in Figure 28. The actual maximum duty cycle varies with the switching frequency as
follows:
Figure 28. Maximum Duty Cycle vs Switching Frequency
7.3.12 Thermal Protection
Internal thermal shutdown circuitry is provided to protect the controller in the event the maximum junction
temperature is exceeded. When activated, typically at 165°C, the controller is forced into a low power shutdown
mode, disabling the output drivers and the VCC regulator. This feature is designed to prevent overheating and
destroying the device.
7.4 Device Functional Modes
7.4.1 Diode Emulation
A fully synchronous buck regulator implemented with a freewheeling NMOS rather than a diode has the
capability to sink current from the output in certain conditions such as light load, over-voltage or pre-bias startup.
The LM5117 provides a diode emulation feature that can be enabled to prevent reverse current flow in the low-
side NMOS device. When configured for diode emulation, the low-side NMOS driver is disabled when SW pin
voltage is greater than -5mV during the off-time of the high-side NMOS driver, preventing reverse current flow.
A benefit of the diode emulation is lower power loss at no load or light load conditions. The negative effect of
diode emulation is degraded light load transient response.
The diode emulation feature is configured with the DEMB pin. To enable diode emulation, connect the DEMB pin
to GND or leave the pin floating. If continuous conduction operation is desired, the DEMB pin should be tied to a
voltage greater than 3 V and may be connected to VCC. The LM5117 forces the regulator to operate in diode
emulation mode when SS pin voltage is less than the internal 0.8-V reference, allowing for startup into a pre-
biased load with the continuous conduction configuration.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5117 LM5117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com