Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM5000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5000 Datasheet(HTML) 1 Page - Texas Instruments

  LM5000 Datasheet HTML 1Page - Texas Instruments LM5000 Datasheet HTML 2Page - Texas Instruments LM5000 Datasheet HTML 3Page - Texas Instruments LM5000 Datasheet HTML 4Page - Texas Instruments LM5000 Datasheet HTML 5Page - Texas Instruments LM5000 Datasheet HTML 6Page - Texas Instruments LM5000 Datasheet HTML 7Page - Texas Instruments LM5000 Datasheet HTML 8Page - Texas Instruments LM5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
LM5000 High Voltage Switch Mode Regulator
Check for Samples: LM5000
1
FEATURES
DESCRIPTION
The
LM5000
is
a
monolithic
integrated
circuit
2
•
80V Internal Switch
specifically designed and optimized for flyback, boost
•
Operating Input Voltage Range of 3.1V to 40V
or forward power converter applications. The internal
•
Pin Selectable Operating Frequency
power switch is rated for a maximum of 80V, with a
current limit set to 2A. Protecting the power switch
–
300kHz/700kHz (-3)
are current limit and thermal shutdown circuits. The
–
600kHz/1.3MHz (-6)
current mode control scheme provides excellent
•
Adjustable Output Voltage
rejection of line transients and cycle-by-cycle current
limiting. An external compensation pin and the built-in
•
External Compensation
slope compensation allow the user to optimize the
•
Input Undervoltage Lockout
frequency compensation. Other distinctive features
•
Softstart
include softstart to reduce stresses during start-up
and an external shutdown pin for remote ON/OFF
•
Current Limit
control. There are two operating frequency ranges
•
Over Temperature Protection
available. The LM5000-3 is pin selectable for either
•
External Shutdown
300kHz (FS Grounded) or 700kHz (FS Open). The
•
Small 16-Lead TSSOP or 16-Lead WSON
LM5000-6 is pin selectable for either 600kHz (FS
Grounded) or 1.3MHz (FS Open). The device is
Package
available in a low profile 16-lead TSSOP package or
a thermally enhanced 16-lead WSON package.
APPLICATIONS
•
Flyback Regulator
•
Forward Regulator
•
Boost Regulator
•
DSL Modems
•
Distributed Power Converters
Typical Application Circuit
Figure 1. LM5000 Flyback Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5000 TI1-LM5000 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5000 TI2-LM5000 Datasheet
1Mb / 27P
LM5000 High Voltage Switch Mode Regulator
REVISED MARCH 2007
logo
National Semiconductor ...
LM5000-3MTC NSC-LM5000-3MTC Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
More results

Similar Description - LM5000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
High-Voltage Switch-Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com