Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE6195 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6195
Description  2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6195 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6195 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6195 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
2.4mm Female Shorting
Chain Option
3.5 In. Chain
Mechanical Specifications
Size
Length, in [mm]
0.49 [12.45]
Width, in [mm]
0.23 [6]
.
Connector
Type
2.4mm Female Shorting
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Not Intended for Calibration
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Shorting Dust Cap With 3.5 Inch Chain PE6195
URL: http://www.pasternack.com/shorting-2.4mm-female-with-3.5-inch-chain-dust-cap-pe6195-p.aspx
PE6195
PE6195 REV 1.0
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain


Similar Part No. - PE6195

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6195 PASTERNACK-PE6195 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results

Similar Description - PE6195

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
Shorting N Female With 4 Inch Chain Dust Cap
PE6110 PASTERNACK-PE6110 Datasheet
237Kb / 2P
Non-Shorting Dust Cap for C Female With 3.5 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6110 PASTERNACK-PE6110_16 Datasheet
416Kb / 3P
C Female Non-Shorting Dust Cap With 3.5 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com