Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE82P2000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE82P2000
Description  Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and SMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P2000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE82P2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TECHNICAL DATA SHEET
Control Voltage
11
Volts
Reverse Current
5
mA
Input Power
30
dBm
. .
Mechanical Specifications
Size
Length
1.08 in [27.43 mm]
Width
0.71 in [18.03 mm]
Height
0.29 in [7.37 mm]
.
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND. B
Temperature Cycle
MIL-STD-202G, METHOD 107D COND. A
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE82P2000
PE82P2000 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and
SMA PE82P2000
Analog Phase Shifter, 5 GHz to 18 GHz, With an
Adjustable Phase of 40 Deg. Per GHz and SMA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com