Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE82P5000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE82P5000
Description  8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P5000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE82P5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
TECHNICAL DATA SHEET
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND. B
Temperature Cycle
MIL-STD-202F, METHOD 107
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE82P5000
PE82P5000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz, 360 Deg Phase Shift, 256 Steps and
SMA PE82P5000
8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz,
360 Deg Phase Shift, 256 Steps and SMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com