Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPT4012 Datasheet(PDF) 1 Page - Micro Electronics

Part # MPT4012
Description  SWITCHING POWER TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MPT4012 Datasheet(HTML) 1 Page - Micro Electronics

  MPT4012 Datasheet HTML 1Page - Micro Electronics MPT4012 Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MPT4012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPT41002ABS VISHAY-MPT41002ABS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MPT41002AT1 VISHAY-MPT41002AT1 Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MPT41002AWS VISHAY-MPT41002AWS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MPT41002BBS VISHAY-MPT41002BBS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MPT41002BT1 VISHAY-MPT41002BT1 Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
More results

Similar Description - MPT4012

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
logo
List of Unclassifed Man...
F-193U ETC2-F-193U Datasheet
52Kb / 1P
POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-1165 RHOMBUS-IND-T-1165 Datasheet
21Kb / 1P
100 kHz Switching Transformer
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
POWER TRANSFORMER
logo
XFMRS Inc.
XF0056-EE5S XFMRS-XF0056-EE5S Datasheet
39Kb / 1P
POWER TRANSFORMER
logo
Hammond Manufacturing L...
269EX HAMMOND-269EX Datasheet
215Kb / 1P
POWER TRANSFORMER
382X HAMMOND-382X Datasheet
307Kb / 1P
POWER TRANSFORMER
291AX HAMMOND-291AX Datasheet
243Kb / 1P
power transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com