Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE70MP1007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE70MP1007
Description  50 Ohm SMA Male To 75 Ohm F Male Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70MP1007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE70MP1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70MP1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70MP1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70MP1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
Design
Fixed
Connector 1
SMA Male
Connector 2
F Male
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
9 KHz
3 GHz
. .
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
9KHz to 2
2 to 3
GHz
Insertion Loss, Max
6
6.3
dB
Insertion Loss, Typ
5.5
5.5
dB
Return Loss, Min
25
23
dB
Return Loss, Typ
30
27
dB
Flatness
0.5
0.8
dB
VSWR
1.07:1
1.1:1
.
Mechanical Specifications
Size
Length
2.25 in [57.15 mm]
Width/Dia.
0.81 in [20.57 mm]
Height
0.81 in [20.57 mm]
.
Body Material and Plating
Copper
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
F Male
Impedance
50 Ohms
75 Ohms
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Male To 75 Ohm F Male Matching Pad Operating From 0.009 MHz to 3 GHz
RoHS Compliant PE70MP1007
PE70MP1007
PE70MP1007 REV 1.0
50 Ohm SMA Male To 75 Ohm F Male Matching Pad
Operating From 0.009 MHz to 3 GHz RoHS Compliant
Matching Pads Technical Data Sheet


Similar Part No. - PE70MP1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70MP1001 PASTERNACK-PE70MP1001 Datasheet
383Kb / 4P
50 Ohm N Female To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1002 PASTERNACK-PE70MP1002 Datasheet
381Kb / 4P
50 Ohm N Male To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1004 PASTERNACK-PE70MP1004 Datasheet
382Kb / 4P
50 Ohm SMA Female To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1005 PASTERNACK-PE70MP1005 Datasheet
382Kb / 4P
50 Ohm SMA Female To 75 Ohm F Male Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1006 PASTERNACK-PE70MP1006 Datasheet
384Kb / 4P
50 Ohm SMA Male To 75 Ohm F Female Matching Pad
More results

Similar Description - PE70MP1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7067 PASTERNACK-PE7067 Datasheet
216Kb / 3P
50 Ohm BNC Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7072 PASTERNACK-PE7072 Datasheet
217Kb / 3P
50 Ohm N Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7075 PASTERNACK-PE7075 Datasheet
217Kb / 3P
50 Ohm SMA Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7076 PASTERNACK-PE7076 Datasheet
217Kb / 3P
50 Ohm SMA Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7077 PASTERNACK-PE7077 Datasheet
245Kb / 3P
50 Ohm SMA Female To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7080 PASTERNACK-PE7080 Datasheet
275Kb / 3P
50 Ohm TNC Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE70MP1001 PASTERNACK-PE70MP1001 Datasheet
383Kb / 4P
50 Ohm N Female To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1002 PASTERNACK-PE70MP1002 Datasheet
381Kb / 4P
50 Ohm N Male To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1004 PASTERNACK-PE70MP1004 Datasheet
382Kb / 4P
50 Ohm SMA Female To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1005 PASTERNACK-PE70MP1005 Datasheet
382Kb / 4P
50 Ohm SMA Female To 75 Ohm F Male Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com