Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML4425 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4425
Description  Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4425 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4425 Datasheet HTML 4Page - Micro Linear Corporation ML4425 Datasheet HTML 5Page - Micro Linear Corporation ML4425 Datasheet HTML 6Page - Micro Linear Corporation ML4425 Datasheet HTML 7Page - Micro Linear Corporation ML4425 Datasheet HTML 8Page - Micro Linear Corporation ML4425 Datasheet HTML 9Page - Micro Linear Corporation ML4425 Datasheet HTML 10Page - Micro Linear Corporation ML4425 Datasheet HTML 11Page - Micro Linear Corporation ML4425 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ML4425
OUTPUTS
INPUT
STATE
LA
LB
LC
HA
HB
HC
SAMPLING
R
OFF
ON
OFF
ON
OFF
ON
N/A
A
OFF
OFF
ON
ON
OFF
OFF
FB B
B
OFF
OFF
ON
OFF
ON
OFF
FB A
C
ON
OFF
OFF
OFF
ON
OFF
FB C
D
ON
OFF
OFF
OFF
OFF
ON
FB B
E
OFF
ON
OFF
OFF
OFF
ON
FB A
F
OFF
ON
OFF
ON
OFF
OFF
FB C
Table 1. Commutation State Functions
Figure 4. Output Commutation Sequence Timing Diagram
Cycle 1 - Full Commutation, Cycle 2 - Commutation with 50% PWM Duty Cycle
HIGH
SIDE
DRIVE
OUTPUTS
HA
HB
HC
LOW
SIDE
DRIVE
OUTPUTS
LA
ABC
DE
F
ABC
DE
F
LB
LC
Voltage Controlled Oscillator (VCO)
The VCO provides a TTL compatible clock output on the
VCO/TACH pin proportional to the VCO input voltage at
the SPEED FB pin. The proportion of frequency to voltage
(VCO constant, Kv) is set by an 80.6kW resistor on RVCO
and a capacitor on CVCO as shown in Figure 5. RVCO sets
up a current proportional the VCO input voltage at SPEED
FB. This current is used to charge and discharge CVCO
between the threshold voltages of 2.3V and 4.3V. The
resulting triangle wave on CVCO corresponds to the clock
on VCO. Kv should be set so that the VCO output
frequency corresponds to the maximum commutation
frequency or maximum motor speed when the VCO input
is equal to or slightly less than VREF. CVCO is calculated
using the following equation:
C
V
Hz Farad
V
Hz
RPM
NSPEED
VCO
MAX
=
™™
œ
™™
-
6 5
3101 10
005
6
..
.
(2)
The closest standard value that is equal to or less than the
calculated CVCO should be used.
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com