Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML4663 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4663
Description  Single Chip 10BASE-FL Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4663 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4663 Datasheet HTML 1Page - Micro Linear Corporation ML4663 Datasheet HTML 2Page - Micro Linear Corporation ML4663 Datasheet HTML 3Page - Micro Linear Corporation ML4663 Datasheet HTML 4Page - Micro Linear Corporation ML4663 Datasheet HTML 5Page - Micro Linear Corporation ML4663 Datasheet HTML 6Page - Micro Linear Corporation ML4663 Datasheet HTML 7Page - Micro Linear Corporation ML4663 Datasheet HTML 8Page - Micro Linear Corporation ML4663 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
ML4663
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operations Temperature Range, VCC = VCCTx = 5V ± 5% (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTHADJ
External Voltage at VTHADJ
0.5
2.7
V
to Set VTH
VOFF
Input Offset
VDC = VREF (DC loop inactive)
3
mV
VN
Input Referred Noise
50MHz BW
25
µV
RIN
Input Resistance
VIN+, VIN
0.8
1.3
2.0
k
ITH
Input Bias Current of VTHADJ
–200
10
+200
µA
VTH
Input Threshold Voltage
VTHADJ = VREF (Note 5)
5
6
7
mVP–P
H
Hysteresis
20
%
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
Transmit
FTXIDF
Transmit Idle Frequency
0.85
1.25
MHz
PTXDC
Transmit Idle Duty Cycle
45
55
%
tTXNPW
Transmit Turn-On Pulse Width
20
ns
tTXODY
Transmit Turn-On Delay
200
ns
tTXLP
Transmit Loopback Start-up Delay
500
ns
tTXFPW
Transmit Turn-Off Pulse Width
180
ns
tTXSOI
Transmit Turn-Off Start of Idle
400
2100
ns
tTXSDY
Transmit Steady State Propagation Delay
15
50
ns
tTXJ
Transmit Jitter into 31
Ω Load
±1.5
ns
Receive
FRXSFT
Receive Squelch Frequency Threshold
2.51
4.5
MHz
tRXODY
Receive Turn-On Delay
285
ns
tRXFX
Last Bit Received to Slow Decay Output
230
300
ns
tRXSDY
Receive Steady State Propagation Delay
15
50
ns
tRXJ
Receive Jitter
±1.5
ns
tAR
Differential Output Rise Time 20% to 80% (Rx
±, COL±)4
ns
tAF
Differential Output Fall Time 20% to 80% (Rx
±, COL±)4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com