Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML6426 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6426
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6426 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6426 Datasheet HTML 1Page - Micro Linear Corporation ML6426 Datasheet HTML 2Page - Micro Linear Corporation ML6426 Datasheet HTML 3Page - Micro Linear Corporation ML6426 Datasheet HTML 4Page - Micro Linear Corporation ML6426 Datasheet HTML 5Page - Micro Linear Corporation ML6426 Datasheet HTML 6Page - Micro Linear Corporation ML6426 Datasheet HTML 7Page - Micro Linear Corporation ML6426 Datasheet HTML 8Page - Micro Linear Corporation ML6426 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ML6426
4
November, 1999
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
6.7MHZ FILTER: ML6426-1 (continued)
TPD
Group Delay (R, G, B,)
100kHz
70
ns
DTPD
Group Delay Deviation from Flatness
to 3.58MHz
4.0
ns
(R, G, B,)
to 4.43MHz
8.0
ns
to 10MHz
9
ns
2MHz FILTER: ML6426-2
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25ºC
7.8
9.2
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25ºC
10.8
12
13.2
MHz
f0.8fc
0.8 x fC Attenuation
1.2
dB
fSB
StopBand Rejection (All Channels
³ 4 fC)fIN ³ 4 fC, Note 3
–40
dB
NOISE
Output Noise (R, G, B,)
Fullband
1
mVRMS
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
–55
dB
Between any two Channels
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–54
dB
TPD
Group Delay (R, G, B,)
100kHz
40
ns
DTPD
Group Delay Deviation from Flatness
to 3.58MHz
1
ns
(R, G, B,)
to 4.43MHz
1
ns
to 10MHz
7
ns
24MHz FILTER: ML6426-3
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25ºC
13.6
16
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25ºC
21.6
24
26.4
MHz
f0.8fc
0.8 x fC Attenuation
1.7
dB
fSB
StopBand Rejection (All Channels
³ 4 fC)fIN ³ 4 fC, Note 3
–40
dB
NOISE
Output Noise (R, G, B,)
Fullband
1.0
mVRMS
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
–55
dB
Between any two Channels
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
-54
dB
TPD
Group Delay (R, G, B,)
100kHz
22
ns
DTPD
Group Delay Deviation from Flatness
to 3.58MHz
1
ns
(R, G, B,)
to 4.43MHz
1
ns
to 10MHz
2
ns
30MHz FILTER: ML6426-4
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25ºC
15.3
18
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25ºC
27
30
33
MHz
f0.8fc
0.8 x fC Attenuation
1.7
dB
fSB
StopBand Rejection (All Channels
³ 4 fC)fIN ³ 4 fC, Note 3
–40
dB
NOISE
Output Noise (R, G, B,)
Fullband
1.0
mVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com