Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI7220DN Datasheet(PDF) 11 Page - Vishay Telefunken

Part # SI7220DN
Description  Dual N-Channel 60-V (D-S) MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7220DN Datasheet(HTML) 11 Page - Vishay Telefunken

Back Button SI7220DN Datasheet HTML 4Page - Vishay Telefunken SI7220DN Datasheet HTML 5Page - Vishay Telefunken SI7220DN Datasheet HTML 6Page - Vishay Telefunken SI7220DN Datasheet HTML 7Page - Vishay Telefunken SI7220DN Datasheet HTML 8Page - Vishay Telefunken SI7220DN Datasheet HTML 9Page - Vishay Telefunken SI7220DN Datasheet HTML 10Page - Vishay Telefunken SI7220DN Datasheet HTML 11Page - Vishay Telefunken SI7220DN Datasheet HTML 12Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72598
1
Revision: 14-Apr-08
RECOMMENDED MINIMUM PADS FOR PowerPAK® 1212-8 Dual
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.152
(3.860)
0.039
(0.990)
0.068
(1.725)
0.010
(0.255)
0.016
(0.405)
0.026
(0.660)
0.025
(0.635)
0.030
(0.760)
Return to Index
Return to Index
0.152
(3.860)
0.039
(0.990)
0.016
(0.405)
0.026
(0.660)
0.025
(0.635)
0.030
(0.760)
0.039
(0.990)
0.039
(0.990)
0.068
(1.725)
0.010
(0.225)
0.094
(2.390)
Recommended Minimum PADs for PowerPAK 1212-8 Dual
Dimensions in Inches/(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com