Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE44913 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44913
Description  SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Mitered Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44913 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44913 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44913 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44913 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Female
Connector Specification
DESC 94008
Connector Interface Type
RG405, PE-SR405FL, PE-SR405FLJ
Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.265 in [6.73 mm]
Width/Dia.
0.158 in [4.01 mm]
Height
0.29 in [7.37 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR-
405FLJ Mitered Body PE44913
PE44913
PE44913 REV 1.0
SMP Female Right Angle Connector Solder Attachment
for RG405, PE-SR405FL, PE-SR405FLJ Mitered Body


Similar Part No. - PE44913

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4491 PASTERNACK-PE4491 Datasheet
222Kb / 3P
N Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .718 inch Hole Spacing, .120 inch Diameter
PE4491 PASTERNACK-PE4491 Datasheet
327Kb / 3P
N Male Connector Solder Attachment
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44911 PASTERNACK-PE44911 Datasheet
380Kb / 3P
SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44912 PASTERNACK-PE44912 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
More results

Similar Description - PE44913

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44275 PASTERNACK-PE44275 Datasheet
232Kb / 3P
SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44972 PASTERNACK-PE44972 Datasheet
375Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
PE44908 PASTERNACK-PE44908 Datasheet
380Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Chamfered Body
PE44915 PASTERNACK-PE44915 Datasheet
381Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Round Body
PE44494 PASTERNACK-PE44494 Datasheet
383Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE45248 PASTERNACK-PE45248 Datasheet
369Kb / 4P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com