Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF1155 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF1155
Description  Melody LSIs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1155 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF1155 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1155 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CF1155 series
NIPPON PRECISION CIRCUITS—2
PAD DESCRIPTION
SPECIFICATIONS
Absolute Maximum Ratings
Electrical Characteristics
Ta = 25°C, VSS = 0V, VDD = 1.5V
Name
Function
OSH, LH
Melody mode control inputs. Built-in pull-down resistors mean LOW -level signals are obtained when inputs are open circuit. The
resistance of the pull-down resistor varies with the applied voltage, as described in the Electrical Characteristics.
OUT, OUT
Piezoelectric speaker driver outputs. Both pins are LOW in non-play mode. OUT is LOW and O U T is HIGH during output for a
m usical rest note. Both pins are HIGH during the gap between musical notes.
V D D
Supply. The rear surface of the chip is V DD level.
V S S
Ground
T1, T2, T C
Test inputs. Pull-down resistor built-in.
TO
Test output. The oscillator frequency (typ. 50kHz) is output for monitoring pur poses.
P arameter
Symbol
Condition
Rating
Unit
Supply voltage range
V DD − V SS
−0.3 to 5.0
V
Input voltage range
V IN
V SS − 0.2 to V DD + 0.2
V
Operating temperature range
Topr
−20 to 80
°C
Storage temperature range
T stg
−65 to 150
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Operating voltage
V DD
1.2
1.5
3.6
V
Current consumption1
1. Measurement circuit
IDD1
Non-play mode
0.01
0.3
µ A
Current consumption2
IDD2
Melody modes: O U T, O U T open
2 5
5 0
µ A
LH, OSH LOW -level input voltage
V IL
––
V SS + 0.2
V
LH, OSH HIGH-level input voltage
V IH
V DD – 0.2
V
LH, OSH LOW -level input current
IIL
V IL = 0.4V
0.7
1.5
3.0
µ A
LH, OSH HIGH-level input current
IIH
V IH = 1.5V
0.7
1.5
3.0
µ A
OUT, OUT L OW -level output current
IOL
V OL = 0.75V
2.0
m A
OUT, OUT HIGH-level output current
IOH
V OH = 0.75V
2.0
m A
TO oscillator frequency
fOSC
35
50
65
k H z
TO frequency stability (relative to
voltage)
∆f/f
1
V DD = 1.2 to 2.0V
1
%/0.1V
∆f/f
2
V DD > 2.0V
2
%/1V
TO oscillator start voltage
V DOB
1.2
V
TO oscillator stop voltage
V DOS
1.2
V
VDD
VSS
A
1.5V
2. Measurement circuit
VDD
LH
VSS
A
1.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com