Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF5705BC Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5705BC
Description  Analog Watch Stepping Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5705BC Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5705BC Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5705BC Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5705BC Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5705BC Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5705BC Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5705BC Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5705BC Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CF5705 series
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
VDD = 0 V
Recommended Operating Conditions
Electrical Characteristics
VDD = 0 V, Ta = 25 °C, X’tal CI = 55kΩ max
P arameter
Symbol
Rating
Unit
Supply voltage range
V SS
−5.0 to 0.3
V
Input voltage range
V IN
V SS − 0.3 to 0.3
V
Storage temperature range
T stg
−40 to 125
°C
P arameter
Symbol
Rating
Unit
Supply voltage
V SS
−3.6 to −1.2
V
Operating temperature
Topg
−20 to 75
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Operating supply voltage
V SS
−2.0
−−1.2
V
Operating current consumption1
1. Current consumption is measured in the measurement circuit (see next page).
IDD
No load, V SS = –1.55V,
(CTR + CG ) = 15 pF, CD = 16 pF
–
0.15
0.25
µ A
No load, V SS = –2.8V,
(CTR + CG ) = 24 pF, CD = 26 pF
–
0.40
1.00
µ A
Reset input current
IRST
RESET : V RST = V DD , V SS = –
1.55V
–6–
n A
RESET : V RST = V DD , V SS = –2.8V
–
2 5
1 0 0
n A
Reset input resistance
R RST
V RST = −1.35 V, V SS = –1.55V
1 5
3 5
6 0
k
Ω
V RST = −2.6 V, V SS = –2.8V
5
1 5
5 0
k
Ω
Motor output current
IMO T
R L = 2 kΩ, V SS = −1.55 V
0.7
–
–
m A
R L = 1 kΩ, V SS = −2.4 V
2.18
2.29
–
m A
Motor output cycle time2 (normal mode)
2. Refer to Series lineup.
T CY
Refer to the SERIES LINEUP
s
Motor output cycle time2 (test mode)
tCY
ms
Motor output pulsewidth2
T PW
ms
Oscillator start voltage2
V STA
−1.3
–
–
V
Oscillator start time
T STA
From supply ON to 512 Hz output
on TEST
–25
s
Frequency voltage deviation
∆f/f
V SS = −1.2 → −3.6 V, CTR = 5 pF
–
0.2
1
ppm/0.1V
Frequency deviation3
3.
ε’ = [f (1.55V) – f’
0 ] / f’0 (CD = 16pF)
ε’ = [f (2.8V) – f’
0 ] / f’0 (CD = 26pF)
f’0: Oscillation frequency center value of Standard Deviation in the same measuring conditions
ε’
Built-in CD
– 8
–
8
ppm
Built-in CD and CG
– 16
–
1 6
p p m
Internal capacitance2
C G , CD
(CG + CD ) < 62 pF
Refer to the SERIES LINEUP
p F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com