Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM5050AV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5050AV
Description  Single-output Clock Generator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5050AV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5050AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM5050A
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
SM5050AV
CF5050A
I/O1
1. Ip = input with built-in pull-up resistor.
Description
Number
Name
Name
P ad dimensions [µm]
XY
1
P 1
P 1
620
1330
Ip
Program input 1. Selects the output frequency multiplier ratio.
2
VSS
V S S
290
1132
–
Ground
VSSQ
2 9 0
9 2 0
–
Output circuit ground
3
Q
Q
2 9 0
5 6 9
O
Output (CMOS)
4
VDD
VDDQ
5 4 0
2 4 0
–
Output circuit supply
V D D
9 0 6
2 4 0
–
Supply
5
X T N
X T N
1524
240
O
Cr ystal oscillator connection pins.
Cr ystal connected between XT and XTN.
6
X T
X T
1870
542
I
7
INHN
INHN
1870
1015
Ip
O p e rating state control (inhibit).
When INHN is LOW , output is high impedance and PLL circuits stop.
8
P 0
P 0
1540
1330
Ip
Program input 0. Selects the output frequency multiplier ratio.
VCO
XT
XTN
LPF
Q
P0
P1
INHN
Phase
Detector
Charge
Pump
Oscillator
R-counter
Duty
Control
Circuit
Output
Buffer
N-counter
Control
Circuit
VDDQ
VDD
VSSQ
VSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com