Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GPSORION Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # GPSORION
Description  12 Channel GPS Receiver Design Product Brief
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GPSORION Datasheet(HTML) 2 Page - Mitel Networks Corporation

  GPSORION Datasheet HTML 1Page - Mitel Networks Corporation GPSORION Datasheet HTML 2Page - Mitel Networks Corporation GPSORION Datasheet HTML 3Page - Mitel Networks Corporation GPSORION Datasheet HTML 4Page - Mitel Networks Corporation GPSORION Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
GPS Orion PRODUCT BRIEF
Fig.2 GPS Orion Architecture
OUTLINE SPECIFICATION
RECEIVER CHARACTERISTICS
GENERAL:
DATUM:
POSITION ACCURACY:
(standard)
POSITION ACCURACY:
(DGPS)
TIME-TO-FIRST-FIX (TTFF - Ref Notes)
G Cold start:
G Warm start:
G Hot start:
RE-ACQUISITION AFTER SIGNAL LOSS:
ANTI-JAMMING RESISTANCE:
L1 frequency (1575.42MHz), C/A code direct-sequence spread-spectrum,
12 parallel channel continuous-tracking receiver, using 2-bit digital
quantization.
WGS-84 only
25 metres Spherical Error Probability (SEP);
100 metres (2D Root Mean Square) with S/A active.
3 metres SEP, with S/A active.
Typical
90%
105 seconds
<165 seconds
<60 seconds
11 seconds
<15 seconds
< 2 seconds (90%)
-20dBm CW to within
±7.5MHz of L1 (for <3dB degradation in GPS SNR).
Part No
Description
Data Sheet
Reference
DW9255
35.42 MHz SAW Filter
DS3861
GP2010
GPS RF Front End
DS4056
GP2015
GPS RF Front End in TQFP package
DS4374
GP2021
12 Channel Correlator
DS4077
ARM60
32 Bit RISC Processor
DS4004
GPS Architect
12 Channel GPS Development System
DS4605
RELATED PRODUCTS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com