Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MH88435AD-PI Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MH88435AD-PI
Description  Data Access Arrangement Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88435AD-PI Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MH88435AD-PI Datasheet HTML 1Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 2Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 3Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 4Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 5Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 6Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 7Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MH88435-P
Preliminary Information
2-42
Input Impedance
The MH88435 has a programmable input impedance
set by fitting external components between the ZA
pin and AGND.
For complex impedances the configuration shown in
Figure 4 is most commonly found.
Figure 4 - Complex Impedances
To find the external programming components for
configuration 4, the following formula should be
used:
Zext = [(10 x R1)-1k3]+ [10 x R2)//(C1/10)]
e.g. If the required input impedance = 220
Ω +
(820
Ω//115nF), the external network to be connected
to ZA will be:
Zext = 900
Ω + (8k2Ω//12nF)
Where the input impedance (Z) = 600R the equation
can be simplified to:
Zext = (10 x Z) - 1k3
Ω
Zext = 4k7
Ω
Note: A table of commonly used impedances can be
found in the DAA Application’s document MSAN-154.
Zext = external network connected between ZA and
AGND, Zint = 1.3k
Ω (internal resistance).
Network Balance
The network balance impedance of the device can
be programmed by adding external components
between NB1 and NB2. For countries where the
balance impedance matches the line impedance, a
15k
Ω resistor should be added between NB1 and
NB2.
Ringing Voltage Detection
The sensitivity of the ringing voltage detection
circuitry can be adjusted by applying an external
resistor between the RS and LOOP pins. With a
short circuit, the threshold sensitivity is ~10Vrms R7
can be calculated using the equation:
R1
R2
C1
ZA
Iloop=26mA
Iloop=20mA
Iloop=15mA
10
5
0
25
20
15
30
R2(kOhms)
200
600
1000
1400
1800
2200
2600
3000
3400
3800
Figure 3 - DC Programming Capabilities
(V(t-r)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com