Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PVHT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PVHT
Description  High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PVHT Datasheet(HTML) 1 Page - Vishay Siliconix

  PVHT Datasheet HTML 1Page - Vishay Siliconix PVHT Datasheet HTML 2Page - Vishay Siliconix PVHT Datasheet HTML 3Page - Vishay Siliconix PVHT Datasheet HTML 4Page - Vishay Siliconix PVHT Datasheet HTML 5Page - Vishay Siliconix PVHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PVHT
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-15
1
Document Number: 53060
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Stability - Very High Temperature (270 °C)
Thin Film Wraparound Chip Resistors, Sulfur Resistant
INTRODUCTION
For applications such as down hole applications, the need
for parts able to withstand very severe conditions
(temperature as high as 250 °C powered or up to 270 °C
un-powered) has led Vishay Sfernice to push out the limit of
the thin film technology.
Designers
might
read
the
application
note
“Power
Dissipation
Considerations
in
High
Precision
Vishay
Sfernice
Thin
Film
Chip
Resistors
and
Arrays
(P,
PRA
etc…)
(High
Temperature
Application)”
www.vishay.com/doc?53047
in
conjunction
with
this
datasheet to help them to properly design their board and
get the best performances of the PVHT.
Vishay Sfernice research and development engineers will be
willing to support any customer design considerations.
FEATURES
• Operating temperature range: -55 °C; +250 °C
• Storage temperature: -55 °C; +270 °C
• Gold terminations (< 1 μm thick)
• 5 sizes available (0402, 0603, 0805, 1206,
2010); other sizes upon request
• Temperature coefficient down to 5 ppm/°C
typical, 10 ppm/°C maximum (-55 °C; +270 °C)
• Tolerance down to 0.05 %
• Load life stability: 0.8 % typical (1 % max.) after 2000 h at
250 °C (ambient) at Pn
• Shelf life stability: 1.5 % typical after 8000 h
• SMD wraparound
• 0.02 % upon request
• TCR remains constant after long term storage at 270 °C
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) For power handling improvement, please refer to application note 53047 “Power Dissipation Considerations in High Precision Vishay
Sfernice Thin Film Chip Resistors and Arrays (High Temperature Applications)” www.vishay.com/doc?/53047 and consult Vishay Sfernice
(2) See derating curve on next page
(3) See Table 1 on next page
Caution:
Performances obtained with following mounting conditions:
• Test board material: alumina
• Solder paste: PbSnAg (93.5/5/1.5)
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
Ω
RATED POWER (1)(2)
P250 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT (3)
± ppm/°C
PVHT0402
0402
39 to 45K
0.031
50
0.05, 0.1, 0.5, 1
5, 10, 15, 25, 30, 50, 55
PVHT0603
0603
39 to 108K
0.062
75
0.05, 0.1, 0.5, 1
5, 10, 15, 25, 30, 50, 55
PVHT0805
0805
39 to 240K
0.100
150
0.05, 0.1, 0.5, 1
5, 10, 15, 25, 30, 50, 55
PVHT1206
1206
39 to 900K
0.165
200
0.05, 0.1, 0.5, 1
5, 10, 15, 25, 30, 50, 55
PVHT2010
2010
39 to 2.5M
0.2
300
0.05, 0.1, 0.5, 1
5, 10, 15, 25, 30, 50, 55
CLIMATIC SPECIFICATIONS
Operating temperature range
-55 °C; +250 °C
Storage temperature range
-55 °C; +270 °C
PERFORMANCE VS. HUMID SULFUR VAPOR
Test conditions
50 °C ± 2 °C, 85 % ± 4 % RH,
exposure time 500 h
Test results
Resistance drift < (0.05 %
R + 0.05 Ω),
no corrosion products observed
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Resistive Element
Thin Film
Passivation
Silicon nitride (Si3N4)
Protection
Epoxy + Silicone
Terminations
Gold (< 1 μm) over nickel barrier


Similar Part No. - PVHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Multicomp Pro
PVHR-003-1025-BLK MULTICOMP-PVHR-003-1025-BLK Datasheet
189Kb / 2P
Irradiated PVC Heat Shrink Tubing
V1.0 09/04/20
PVHR-003-1100-BLK MULTICOMP-PVHR-003-1100-BLK Datasheet
189Kb / 2P
Irradiated PVC Heat Shrink Tubing
V1.0 09/04/20
PVHR-004-1025-BLK MULTICOMP-PVHR-004-1025-BLK Datasheet
189Kb / 2P
Irradiated PVC Heat Shrink Tubing
V1.0 09/04/20
PVHR-004-1100-BLK MULTICOMP-PVHR-004-1100-BLK Datasheet
189Kb / 2P
Irradiated PVC Heat Shrink Tubing
V1.0 09/04/20
More results

Similar Description - PVHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHT VISHAY-PHT Datasheet
105Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
Sulfur Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
P VISHAY-P Datasheet
131Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
20-Feb-15
PHT VISHAY-PHT Datasheet
97Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
logo
Bourns Electronic Solut...
CRT0603-CV-1003EAS BOURNS-CRT0603-CV-1003EAS Datasheet
397Kb / 4P
Sulfur-Resistant Thin Film Precision Chip Resistors
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
P VISHAY-P_V01 Datasheet
148Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
18-Oct-2021
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com