Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE722E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE722E
Description  3MHz 2A Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE722E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ACE722E
3MHz 2A Step-Down Converter
VER 1.1
2
Packaging Typ
SOT23-5
DFN2x2-8
Ordering information
ACE722E XX + H
Pin Description
SOT23-5
PIN #
NAME
DESCRIPTION
1
EN
Enable pin for the IC. Drive this pin to high to enable the part, low to disable.
2
GND
Ground
3
SW
Inductor Connection. Connect an inductor Between SW and the regulator output.
4
IN
Supply Voltage. Short to PIN. Bypass with a 10μF ceramic capacitor to GND
5
FB
Feedback Input. Connect an external
resistor divider from the output to FB and
GND to set the output to a voltage between 0.6V and VIN
DFN2x2-8L
PIN #
NAME
DESCRIPTION
1
PGND
Power Ground. Bypass with a 10μF ceramic capacitor to PVIN
2
SW
Inductor
Connection. Connect an inductor
Between SW and the regulator output.
3
AGND
Analog Ground, Connect to PGND
4
FB
Feedback Input. Connect an external
resistor divider from the output to FB and
GND to set the output to a voltage between 0.6V and VIN
5
EN
Enable pin for the IC. Drive this pin to high to enable the part, low to disable.
6
MODE
When forced high, the device operates in fixed frequency PWM mode. When forced
low, it enables the Power Save Mode with automatic transition from PFM mode to
fixed frequency PWM mode. This pin must be terminated.
7
AVIN
Analog Power. Short externally to PVIN
8
PVIN
Supply Voltage. Bypass with a 10μF ceramic capacitor to PGND
Halogen - free
Pb - free
BN:SOT-23-5
DN:DFN2x2-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com