Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE722G Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE722G
Description  5V 2.0A, 1.3MHz Synchronous Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722G Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE722G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ACE722G
5V 2.0A, 1.3MHz
Synchronous Buck Converter
VER 1.1
4
Electrical Characteristics
VDD=5, TA=25℃
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.5
6.0
V
VFB
Feedback Voltage
0.585 0.6
0.615 V
IFB
Feedback Leakage current
0.1
0.4
uA
IQ
Quiescent Current
Active, VFB=0.65V
50
uA
ISD
Shutdown Current
Shutdown
1
uA
FSW
Switching Frequency
1.3
MHz
RONP
PMOSFET RDSON
120
RONN
NMOSFET RDSON
80
ILIMIT
Peak Current Limit
2.5
A
ISW
SW Leakage Current
VIN=6.0V, VSW=0 or
6.0V, VEN=0V
10
uA
IEN
EN Leakage Current
1
uA
VENH
EN Input High Voltage
1.5
V
VENL
EN Input Low Voltage
0.4
V
TSD
Thermal Shutdown
150
°C
HYSTSD
Thermal Shutdown Hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com