Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE4884 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4884
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4884 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4884 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE4884
N-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE4884 is the Dual N-Channel enhancement mode power field effect transistors are produced
using high cell density , DMOS trench technology. This high density process is especially tailored to
minimize on-state resistance and provide superior switching performance. These devices are particularly
suited for low voltage applications such as notebook computer power management and other battery
powered circuits where high-side switching , low in-line power loss, and resistance to transients are
needed.
Features
 N-Channel
40V/10A,RDS(ON)= 20m
Ω@VGS= 10V
40V/ 8A,RDS(ON)= 24m
Ω@VGS= 4.5V
40V/ 6A,RDS(ON)= 30m
Ω@VGS= 2.5V
 Super high density cell design for extremely low RDS (ON)
 Exceptional on-resistance and maximum DC current capability
SOP – 8P package design
APPLICATIONS
 Power Management in Note book
 Portable Equipment
 Battery Powered System
 DC/DC Converter
 Load Switch
 DSC
 LCD Display inverter
Absolute Maximum Ratings
TA=25℃ Unless otherwise noted
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
40
V
Gate –Source Voltage
VGSS
±20
V
Continuous Drain Current(TJ=150℃)
TA=25℃
ID
10.0
A
TA=70℃
8.0
Pulsed Drain Current
IDM
25
A
Continuous Source Current(Diode Conduction)
Is
2.3
A
Power Dissipation
TA=25℃
PD
2.5
W
TA=70℃
1.6
Operating Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to
Ambient
T
≤ 10sec
RθJA
50
℃/W
Steady State
80


Similar Part No. - ACE4884

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4826B ACE-ACE4826B Datasheet
517Kb / 6P
Dual N-Channel Enhancement Mode MOSFET
VER 1.2
ACE4835M ACE-ACE4835M Datasheet
485Kb / 7P
P-Channel 30-V MOSFET
VER 1.1
More results

Similar Description - ACE4884

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com