Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7436M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7436M
Description  N-Channel 30-V MOSFET, Low thermal impedance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7436M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7436M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7436M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7436M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7436M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7436M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7436M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7436M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE7436M
N-Channel 30-V MOSFET
VER 1.1
1
Description
The ACE7436M uses advanced trench technology to provide excellent RDS(ON), low gate charge. This
device is suitable for use as a high side switch in SMPS and general purpose applications.
Features
Low r
DS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
DC/DC Conversion
Power Routing
Motor Drives
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
TA=25
OC
ID
27
A
TA=70
OC
22
Pulse Drain Current
b
IDM
100
Continuous Drain Current (Diode Continuous)
a
IS
6.7
A
Power Dissipation
a
TA=25
OC
PD
5
W
TA=70
OC
3.2
Operating Junction and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t≦10s
RθJA
25
℃/W
Steady State
65
℃/W
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE7436M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7430LA ACE-ACE7430LA Datasheet
189Kb / 3P
30V, 1.5MHz, 700mA Step-Down Converter
VER 1.1
ACE7433M ACE-ACE7433M Datasheet
393Kb / 7P
P-Channel 30-V MOSFET
VER 1.1
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
More results

Similar Description - ACE7436M

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS34P07 BWTECH-MS34P07 Datasheet
570Kb / 5P
Low thermal impedance
logo
TT Electronics.
LRF3W TTELEC-LRF3W Datasheet
556Kb / 3P
Low thermal impedance
logo
Vishay Siliconix
VS-ST333SP VISHAY-VS-ST333SP Datasheet
345Kb / 10P
Low thermal impedance
01-Mar-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com