Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT8979 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT8979
Description  ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8979 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT8979 Datasheet HTML 17Page - Mitel Networks Corporation MT8979 Datasheet HTML 18Page - Mitel Networks Corporation MT8979 Datasheet HTML 19Page - Mitel Networks Corporation MT8979 Datasheet HTML 20Page - Mitel Networks Corporation MT8979 Datasheet HTML 21Page - Mitel Networks Corporation MT8979 Datasheet HTML 22Page - Mitel Networks Corporation MT8979 Datasheet HTML 23Page - Mitel Networks Corporation MT8979 Datasheet HTML 24Page - Mitel Networks Corporation MT8979 Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ISO-CMOS
MT8979
4-181
† Characteristics are for clocked operation over the ranges of recommended operating temperature and supply voltage.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
*256 tP20 - 100ns
Figure 19 - Functional Timing for Receive Multiframe Clocks
Figure 20 - Functional Timing for Transmit Multiframe Clock
Figure 21 - Clock and Frame Timing for 2048 kbit/s ST-BUS Streams
Note 1: These two signals do not have a defined phase relationship.
AC Electrical Characteristics† - Multiframe Clock Timing (Figure 21)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Receive Multiframe Output Delay
t
RMFD
150
ns
50 pF
2
Transmit Multiframe Setup Time
tTMFS
50
ns
3
Transmit Multiframe Hold Time
tTMFH
50
*
ns
4
Tx Multiframe to C2 Setup Time
t
MF2S
100
ns
DSTo
Bit Cells
F0i
C2i
RxMF
Bit 7
Bit 6
Bit 5
Bit 4
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 0
Bit 7
Frame 0
Frame 15
F0i
C2i
TxMF
DSTi
Bit Cells
Bit 7
Bit 6
Bit 5
Bit 4
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 0
Bit 7
Frame 0
Frame N
F0i
C2i
RxMF(1)
TxMF(1)
tRMFD
tTMFS
tMF2S
tTMFH
tRMFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com