Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS5015 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS5015
Description  Simple LCD micro-controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS5015 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS5015 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LSI
LS5015
2
Functional Description
1. RC Oscillator /Crystal
The LS5015 can use either a crystal oscillator or RC oscillator to provide the internal timing by mask
option.
2. Program ROM
The LS5015 has internal 512x12 bit ROM providing simple operation. It has four internal stack.
3. Program RAM
The system has 20x4bit of program RAM (00H to 13H).
4. Buzzer Control
The system can output 2khz alarm signal. Buzzer control address at 4H.
5. LCD driver
The system has 10 LCD segment pad with 3 common pads providing 10x3 LCD segment output. It
can only support 4 digit plus 2 dot LCD format. The LCD decode the data at RAM 0,1,2,3 for the 4 digit
LCD display. The 2 dot (named: AA, BB) is controlled by RAM 12H:D2 as AA and 12H:D3 as BB.
6. I/O pad
The LS5015 has 6 input pad, I[0:5], and 4 output pad O[0:3].
The input pads can be selected (by
mask option) with/without internal pull-low resistor.
The output pads can be selected by mask
option to be CMOS or OPEN DRAIN output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com