Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT9075BL Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9075BL
Description  E1 Single Chip Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075BL Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9075BL Datasheet HTML 17Page - Mitel Networks Corporation MT9075BL Datasheet HTML 18Page - Mitel Networks Corporation MT9075BL Datasheet HTML 19Page - Mitel Networks Corporation MT9075BL Datasheet HTML 20Page - Mitel Networks Corporation MT9075BL Datasheet HTML 21Page - Mitel Networks Corporation MT9075BL Datasheet HTML 22Page - Mitel Networks Corporation MT9075BL Datasheet HTML 23Page - Mitel Networks Corporation MT9075BL Datasheet HTML 24Page - Mitel Networks Corporation MT9075BL Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Preliminary Information
MT9075B
21
The minimum delay through the receive slip buffer is
approximately two channels and the maximum delay
is approximately 60 channels (see Figure 9).
When the C4b and the E2o clocks are not phase-
locked, the rate at which data is being written into the
slip buffer from the PCM 30 side may differ from the
rate at which it is being read out onto the ST-BUS. If
this situation persists, the delay limits stated in the
previous paragraph will be violated and the slip buffer
will perform a controlled frame slip. That is, the buffer
pointers will be automatically adjusted so that a full
PCM 30 frame is either repeated or lost. All frame
slips occur on PCM 30 frame boundaries.
Two status bits, RSLIP and RSLPD (page 03H,
address 15H), give indication of a slip occurrence
and direction. RSLIP changes state in the event of a
slip. If RSLPD=0, the slip buffer has overflowed and a
frame was lost; if RSLPD=1, a underflow condition
occurred and a frame was repeated. A maskable
interrupt SLPI (page 01H, address 1BH) is also
provided.
Figure 9 illustrates the relationship between the read
and
write
pointers
of
the
receive
slip
buffer.
Measuring clockwise from the write pointer, if the
read pointer comes within two channels of the write
pointer a frame slip will occur, which will put the read
pointer
34
channels
from
the
write
pointer.
Conversely, if the read pointer moves more than 60
channels from the write pointer, a slip will occur,
which will put the read pointer 28 channels from the
write pointer. This provides a worst case hysteresis
of 13 channels peak (26 channels peak-to-peak) or a
wander tolerance of 208 UI.
Framing Algorithm
The
MT9075B
contains
three
distinct
framing
algorithms:
basic
frame
alignment,
signalling
multiframe
alignment
and
CRC-4
multiframe
alignment. Figure 10 is a state diagram that
illustrates these algorithms and how they interact.
After power-up, the basic frame alignment framer will
search for a frame alignment signal (FAS) in the PCM
30 receive bit stream. Once the FAS is detected, the
corresponding bit 2 of the non-frame alignment
signal (NFAS) is checked. If bit 2 of the NFAS is zero
a new search for basic frame alignment is initiated. If
bit 2 of the NFAS is one and the next FAS is correct,
the
algorithm
declares
that
basic
frame
synchronization has been found (i.e., page 03H,
address 10H, bit 7, SYNC is zero).
Once
basic
frame
alignment
is
acquired
the
signalling and CRC-4 multiframe searches will be
initiated. The signalling multiframe algorithm will
align to the first multiframe alignment signal pattern
(MFAS = 0000) it receives in the most significant
nibble of channel 16 (page 3, address 10H, bit 6,
MFSYNC = 0). Signalling multiframing will be lost
when two consecutive multiframes are received in
error.
The CRC-4 multiframe alignment signal is a 001011
bit sequence that appears in PCM 30 bit position one
of the NFAS in frames 1, 3, 5, 7, 9 and 11 (see Table
7). In order to achieve CRC-4 synchronization two
CRC-4
multiframe
alignment
signals
must
be
received without error (page 03H, address 10H, bit 5,
CRCSYN = 0) within 8 msec.
Figure 9 - Read and Write Pointers in the Slip Buffers
Write Pointer
60 CH
2 CH
47 CH
15 CH
34 CH
28 CH
512 Bit
Elastic
Store
13 CH
-13 CH
Wander Tolerance
Read Pointer
Read Pointer
Read Pointer
Read Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com