Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SL3522 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # SL3522
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL3522 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button SL3522 Datasheet HTML 10Page - Mitel Networks Corporation SL3522 Datasheet HTML 11Page - Mitel Networks Corporation SL3522 Datasheet HTML 12Page - Mitel Networks Corporation SL3522 Datasheet HTML 13Page - Mitel Networks Corporation SL3522 Datasheet HTML 14Page - Mitel Networks Corporation SL3522 Datasheet HTML 15Page - Mitel Networks Corporation SL3522 Datasheet HTML 16Page - Mitel Networks Corporation SL3522 Datasheet HTML 17Page - Mitel Networks Corporation SL3522 Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
SL3522
Fig.20 Limiting phase (100MHz) normalised at -30dBm
Fig.21 Limiting phase (300MHz) normalised at -30dBm
RF input power (dBm)
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
20
15
10
5
0
–5
–10
–15
–20
20
15
10
5
0
–5
–10
–15
–20
RF input power (dBm)
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com