Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

G2002 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2002
Description  51CH serial input motor driver IC for DSC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2002 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2002 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.6
May 08, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2002/G2002B
Global Mixed-mode Technology
5+1CH serial input motor driver IC for DSC
Features
Build-in one micro-steps drive mode is possible
from 2-2 phase stepper drive to maximum 256
resolution micro-steps.
Built in 2 full-swing/constant voltage drivers
switched by serial control with brake function
Built in 1 constant current drivers for shutter or
IRIS
Low on-resistance (1.2
Ω, sum of on-resistance of
upside and bottom side)
Output current:IOUT<=0.8A(max.) for each channel
Build-in thermal shutdown (TSD, 150°C)
All power supply systems (VCC, VM12, VM3,
VM45) can be set up with an independent power
supply
Power save mode corresponds by serial control
setup
PI (photo interrupter drive) 3 channel built-in.
Small 28TQFN (4
×4mm) is adopted
Build-in POR (power on reset).
Applications
Stepping motor driver/ DC motor driver motor
driver for DSC
General Description
G2002/G2002B is a 5+1-channel H-Bridge motor
drivers IC for the digital camera and so on. It has one
micro-stepping driver, two full-swing/constant voltage
drivers and one full-swing/constant current drivers. G2002
/G2002B can be operated in serial control mode or
partial exterior control mode. When operating in partial
exterior control mode, the mode of each CH is fixed by
initial serial control setting. When operating in serial
control mode, the mode of each driver can be setting
by serial control.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2002RV1U
2002
-20°C to +85°C TQFN4X4-28
G2002BRV1U
2002B
-20°C to +85°C TQFN4X4-28
Note: RV: TQFN4X4-28
1: Bonding Code
U: Tape & Reel
Pin Configurations
CH12:Micro_stepping
CH3
:CV/FS
CH4
:CV/FS
CH5
:CC only
G2002/G2002B TQFN4X4-28
RNF5
OUT5B
VM45
OUT4A
P13
OUT4B
OUT1A
OUT1B
VM12
OUT2A
OUT2B
OUT3A
1
2
3
4
5
6
16
17
18
19
20
21
Thermal
Pad
(PGND12,PGND3)
7
P11
15
OUT3B
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
G2002/G2002B TQFN4X4-28
RNF5
OUT5B
VM45
OUT4A
P13
OUT4B
OUT1A
OUT1B
VM12
OUT2A
OUT2B
OUT3A
1
2
3
4
5
6
16
17
18
19
20
21
Thermal
Pad
(PGND12,PGND3)
7
P11
15
OUT3B
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.


Similar Part No. - G2002

ManufacturerPart #DatasheetDescription
logo
Goford Semiconductor
G2002A GOFORD-G2002A Datasheet
895Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - G2002

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2009 GMT-G2009 Datasheet
91Kb / 1P
42CH serial input motor driver IC for DSC
G2007 GMT-G2007 Datasheet
92Kb / 1P
6CH serial input motor driver IC for DSC
G2005 GMT-G2005 Datasheet
69Kb / 1P
51CH serial input motor driver IC for DSC
G2001 GMT-G2001 Datasheet
95Kb / 1P
61CH serial input motor driver IC for DSC
G2030 GMT-G2030 Datasheet
53Kb / 1P
51CH serial input motor driver IC for DSC
G2028 GMT-G2028 Datasheet
71Kb / 1P
51CH serial input motor driver IC for DSC
G2022 GMT-G2022 Datasheet
139Kb / 1P
81CH Series Input Motor Driver IC for DSC
G2018 GMT-G2018 Datasheet
105Kb / 1P
51CH serial input motor driver IC for DSC
G2012 GMT-G2012 Datasheet
68Kb / 1P
42CH serial input motor driver IC for DSC
logo
Princeton Technology Co...
PT5119 PTC-PT5119 Datasheet
496Kb / 4P
51CH DSC Motor Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com