Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP5769 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5769
Description  3GHz I2C Bus Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5769 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5769 Datasheet HTML 1Page - Mitel Networks Corporation SP5769 Datasheet HTML 2Page - Mitel Networks Corporation SP5769 Datasheet HTML 3Page - Mitel Networks Corporation SP5769 Datasheet HTML 4Page - Mitel Networks Corporation SP5769 Datasheet HTML 5Page - Mitel Networks Corporation SP5769 Datasheet HTML 6Page - Mitel Networks Corporation SP5769 Datasheet HTML 7Page - Mitel Networks Corporation SP5769 Datasheet HTML 8Page - Mitel Networks Corporation SP5769 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
SP5769
Figure 2 Pin connections - top view
Electrical Characteristics
Test conditions (unless otherwise stated): TAMB = 240
°C to 180°C, V
CC = 4·5V to 5·5V. These characteristics are
guaranteed by either production test or design. They apply within the specified ambient temperature and supply
voltage ranges unless otherwise stated.
Characteristic
Conditions
Max.
Min.
Value
Typ.
Units
100MHz to 200MHz
200MHz to 3GHz
See Figure 4
5V I2C logic selected
3·3V I2C logic selected
5V I2C logic selected
3·3V I2C logic selected
Input voltage = VCC
Input voltage = VEE
VCC = VEE
ISINK = 3mA
ISINK = 6mA
See Table 6, VPIN1 = 2V
VPIN1 = 2V, VCC = 15·0V, TAMB = 25
°C
VPIN16 = 0·7V
See Figure 5 for application
Sinewave coupled via 10nF blocking capacitor
Sinewave coupled via 10nF blocking capacitor
AC coupled, see Note 2
0·0625 to 20MHz
Enabled by bit RE = 1
SSB, within loop bandwidth, all comparison
frequencies
See Table 1
Pin
25
300
300
5·5
5·5
1·5
1
10
210
10
0·4
0·6
400
610
20
20
0·5
4
32767
Supply current
RF input
Input voltage
Input impedance
SDA, SCL
Input high voltage
Input low voltage
Input high current
Input low current
Leakage current
Input hysteresis
SDA output voltage
SCL clock rate
Charge pump
Output current
Output leakage
Drive output current
Crystal frequency
External reference
Input frequency
Drive level
Buffered REF/COMP
Output amplitude
Output impedance
Comparison frequency
Equivalent phase noise at
phase detector
RF division ratio
Reference division ratio
12
13,14
4,5
4
5
1
1
16
2,3
3
11
100
40
3
2·3
0
0
0·4
0·5
2
2
0·2
2148
240
20
63
0·35
250
mA
mVrms
mVrms
V
V
V
V
µA
µA
µA
V
V
V
kHz
nA
mA
MHz
MHz
Vp-p
Vp-p
Ω
MHz
dBc/Hz
cont…
MP16
SP
5769
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CHARGE PUMP
CRYSTAL CAP
CRYSTAL
SDA
SCL
PORT P3/LOGLEV
PORT P2
PORT P1
DRIVE
VEE
RF INPUT
RFINPUT
VCC
REF/COMP
ADDRESS
PORTP0
QP16
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SP
5769
CHARGE PUMP
CRYSTAL CAP
CRYSTAL
SDA
SCL
PORT P3/LOGLEV
PORT P2
PORT P1
DRIVE
VEE
RF INPUT
RFINPUT
VCC
REF/COMP
ADDRESS
PORTP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com