Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP8782 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8782
Description  1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8782 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8782 Datasheet HTML 1Page - Mitel Networks Corporation SP8782 Datasheet HTML 2Page - Mitel Networks Corporation SP8782 Datasheet HTML 3Page - Mitel Networks Corporation SP8782 Datasheet HTML 4Page - Mitel Networks Corporation SP8782 Datasheet HTML 5Page - Mitel Networks Corporation SP8782 Datasheet HTML 6Page - Mitel Networks Corporation SP8782 Datasheet HTML 7Page - Mitel Networks Corporation SP8782 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SP8782A & B
Electrical Characteristics
Unless otherwise stated, the Electrical Characteristics are guaranteed over the specified supply, frequency and
temperature range.
Supply Voltage
, V
CC = +4V to +5.5V, VEE = 0V
Temperature Tamb= -55°C to +125°C, (SP8782A), -40°C to +85° C (SP8782B)
Characteristic
Pin
Value
Conditions
Min
Max
Units
Maximum frequency
2, 3
1
GHz
Input = 200-1200mVp-p
(sinewave input)
Minimum frequency
2, 3
50
MHz
Input = 400-1200mVp-p
Min Slew rate for low frequency operation
2, 3
100
V/
µs
Power Supply current, I
CC
8
60
mA
Output unloaded, V
CC=5.5V
Output low voltage
7
0
1.7
V
Output high voltage
7
V
CC-1.4
V
CC
V
Modulus control input high voltage
5
0.7V
CC
V
CC
V
At driver end of 3k
Ω resistor
Modulus control input low voltage
5
0
0.3V
CC
V
At driver end of 3k
Ω resistor
Modulus control input high current
5
0.6
1.2
mA
Via 3k
Ω resistor to V
CC
Modulus control input low current
5
-0.6
-1.2
mA
Via 3k
Ω resistor to V
CC
Ratio select input high voltage
1
0.6V
CC
V
CC
V
Ratio selected input low voltage
1
0
0.4V
CC
V
Ratio select input current
1
-10
10
µA
Clock to output propagation Delay
2,3,7
3
ns
Set-up time, t
s
5,7
3
ns
See note 1 and Fig. 3a
Release time,t
r
5,7
3
ns
See note 2 and Fig. 3b
Notes: 1. The set-up time ts is defined as the minimum time that can elapse between L→H transition of the
modulus control input and the next L
→H output transition to ensure that the ÷ 16 (32) mode is obtained.
2. The release time tr is defined as the minimum time that can elapse between H→L transition of the modulus
control input and the next L
→H output transition to ensure that the ÷ 17 (33) mode is obtained.
Figure 2 Typical Pin Connections
DG 8
RATIO SELECT
CLOCK INPUT
CLOCK INPUT
VEE
VCC
OUTPUT
NC
MODULUS CONTROL
1
2
3
4
8
7
6
5
MP 8
VCC
OUTPUT
NC
MODULUS CONTROL
1
2
3
4
8
7
6
5
RATIO SELECT
CLOCK INPUT
CLOCK INPUT
VEE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com