Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VP5313 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  VP5313 Datasheet HTML 1Page - Mitel Networks Corporation VP5313 Datasheet HTML 2Page - Mitel Networks Corporation VP5313 Datasheet HTML 3Page - Mitel Networks Corporation VP5313 Datasheet HTML 4Page - Mitel Networks Corporation VP5313 Datasheet HTML 5Page - Mitel Networks Corporation VP5313 Datasheet HTML 6Page - Mitel Networks Corporation VP5313 Datasheet HTML 7Page - Mitel Networks Corporation VP5313 Datasheet HTML 8Page - Mitel Networks Corporation VP5313 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VP5313/VP5513
2
RECOMMENDED OPERATING CONDITIONS
Parameter
Min.
Typ.
Max.
Units
Power supply voltage
Power supply current (including analog outputs)1
Power supply current (including analog outputs)2
Input clock frequency
SCL clock frequency
Analog video output load
DAC gain resistor
Ambient operating temperature
Symbol
VDD, AVDD
IDD
IDD
PXCK
fSCL
4.75
-50ppm
0
5.25
230
190
+50ppm
500
70
V
mA
mA
MHz
kHz
°C
5.00
27.00
37.5
730
1.
All four DACs driving 37R5 loads
2.
All four DACs driving 75R loads
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): As specified in Recommended Operating Conditions
DC CHARACTERISTICS
VIN
VIL
VIH
VIL
IIH
IIL
VOH
VOL
VOL
2.0
0.7VDD
3.7
0.8
0.3VDD
10
-10
0.4
0.6
V
V
V
V
µA
µA
V
V
V
Parameter
Conditions
VIN = VDD
VIN = VSS
IOH = -1mA
IOL = +4mA
IOL = +6mA
Symbol
Min.
Typ.
Max.
Units
Digital Inputs TTL compatible (except SDA, SCL)
Input high voltage
Input low voltage
Digital Inputs SDA, SCL
Input high voltage
Input low voltage
Input high current
Input low current
Digital Outputs CMOS compatible
Output high voltage
Output low voltage
Digital Output SDA
Output low voltage
66.83
1.00
8k
1.3899
34.15
50
DC CHARACTERISTICS DACs
INL
DNL
VREF
ZR
IREF
0.95
±1.5
±1
±5
1.05
LSB
LSB
%
µA
V
mA
mA
pV-s
Parameter
Symbol
Min.
Typ.
Max.
Units
Accuracy (each DAC)
Integral linearity error
Diffential linearity error
DAC matching error
Monotonicity
LSB size
Internal reference voltage
Internal reference voltage output impedance
Reference Current (VREF/RREF) RREF = 730
Maximum output
Peak Glitch Energy (see fig.3)
guaranteed
ABSOLUTE MAXIMUM RATINGS
Supply voltage
VDD, AVDD
-0·3 to 7·0V
Voltage on any non power pin
-0·3 to VDD+0·3V
Ambient operating temperature
0 to 70
°C
Storage temperature
-55
°C to 150°C
Note: Stresses exceeding these listed under Absolute
Maximum Ratings may induce failure. Exposure to Absolute
Maximum Ratings for extended periods may reduce
reliability. Functionality at or above these conditions is not
implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com