Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4780 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4780
Description  Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4780 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4780 Datasheet HTML 1Page - National Semiconductor (TI) LM4780 Datasheet HTML 2Page - National Semiconductor (TI) LM4780 Datasheet HTML 3Page - National Semiconductor (TI) LM4780 Datasheet HTML 4Page - National Semiconductor (TI) LM4780 Datasheet HTML 5Page - National Semiconductor (TI) LM4780 Datasheet HTML 6Page - National Semiconductor (TI) LM4780 Datasheet HTML 7Page - National Semiconductor (TI) LM4780 Datasheet HTML 8Page - National Semiconductor (TI) LM4780 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM4780 Overture™ Audio Power Amplifier Series
Stereo 60W, Mono 120W Audio Power Amplifier with
Mute
General Description
The LM4780 is a stereo audio amplifier capable of typically
delivering 60W per channel of continuous average output
power into an 8
Ω load with less than 0.5% THD+N from
20Hz - 20kHz.
The LM4780 is fully protected utilizing National’s Self Peak
Instantaneous Temperature (˚Ke) (SPiKe
TM) protection cir-
cuitry. SPiKe provides a dynamically optimized Safe Operat-
ing Area (SOA). SPiKe protection completely safeguards the
LM4780’s outputs against over-voltage, under-voltage, over-
loads, shorts to the supplies or GND, thermal runaway and
instantaneous temperature peaks. The advanced protection
features of the LM4780 places it in a class above discrete
and hybrid amplifiers.
Each amplifier of the LM4780 has an independent smooth
transition fade-in/out mute.
The LM4780 can easily be configured for bridge or parallel
operation for 120W mono solutions.
Key Specifications
n
Output Power/Channel with 0.5% THD+N, 1kHz into
8
Ω
60W (typ)
n
THD+N at 2 x 30W into 8
Ω (20Hz - 20kHz) 0.03% (typ)
n
THD+N at 2 x 30W into 6
Ω (20Hz - 20kHz) 0.05% (typ)
n
THD+N at 2 x 30W into 4
Ω (20Hz - 20kHz) 0.07% (typ)
n
Mute Attenuation
110dB (typ)
n
PSRR
85dB (min)
n
Slew Rate
19V/µs (typ)
Features
n
SPiKe Protection
n
Low external component count
n
Quiet fade-in/out mute mode
n
Wide supply range: 20V - 84V
n
Signal-to-Noise Ratio
≥ 97dB (ref. to P
O = 1W)
Applications
n
Audio amplifier for component stereo
n
Audio amplifier for compact stereo
n
Audio amplifier for self-powered speakers
n
Audio amplifier for high-end and HD TVs
Typical Application
SPiKe™ Protection and Overture™ are trademarks of National Semiconductor Corporation.
20058622
FIGURE 1. Typical Audio Amplifier Application Circuit
July 2003
© 2003 National Semiconductor Corporation
DS200586
www.national.com


Similar Part No. - LM4780

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
LM4780TA/NOPB TI1-LM4780TA/NOPB Datasheet
1Mb / 31P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
LM4780TABD TI1-LM4780TABD Datasheet
1Mb / 31P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results

Similar Description - LM4780

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
Stereo 50W Audio Power Amplifier with Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com