Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4328 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4328 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4328 Datasheet HTML 1Page - Cirrus Logic CS4328 Datasheet HTML 2Page - Cirrus Logic CS4328 Datasheet HTML 3Page - Cirrus Logic CS4328 Datasheet HTML 4Page - Cirrus Logic CS4328 Datasheet HTML 5Page - Cirrus Logic CS4328 Datasheet HTML 6Page - Cirrus Logic CS4328 Datasheet HTML 7Page - Cirrus Logic CS4328 Datasheet HTML 8Page - Cirrus Logic CS4328 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
Complete Stereo DAC System
8
× Interpolation Filter
64
× Delta-Sigma DAC
Analog Post Filter
Adjustable System Sampling Rates
including 32kHz, 44.1kHz & 48kHz
120 dB Signal-to-Noise Ratio
Low Clock Jitter Sensitivity
Completely Filtered Line-Level Outputs
Linear Phase Filtering
Zero Phase Error Between Channels
No External Components Needed
Flexible Serial Interface for Either 16
or 18 bit Input Data
General Description
The CS4328 is a complete stereo digital-to-analog out-
put system. In addition to the traditional D/A function,
the CS4328 includes an 8
× digital interpolation filter fol-
lowed by a 64
× oversampled delta-sigma modulator.
The modulator output controls the reference voltage in-
put to an ultra-linear analog low-pass filter. This
architecture allows for infinite adjustment of sample
rate between 1 kHz and 50 kHz while maintaining lin-
ear phase response simply by changing the master
clock frequency.
The CS4328 also includes an extremely flexible serial
port utilizing two select pins to support four different
interface modes.
The master clock can be either 256 or 384 times the
input word rate, supporting various audio environ-
ments.
ORDERING INFORMATION:
CS4328-KP
0 to 70
°C
28-pin Plastic DIP
CS4328-KS
0 to 70
°C
28-pin Plastic SOIC
CS4328-BP
-40 to +85
°C
28-pin Plastic DIP
CS4328-BS
-40 to +85
°C
28-pin Plastic SOIC
CDB4328
CS4328 Evaluation Board
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
http://www.crystal.com
OCT ’93
DS62F3
1
18-Bit, Stereo D/A Converter for Digital Audio
-VREF
AOUTL
20
SDATAI
TST
2
DIF1
12
DIF0
13
ACKI
24
LRCK
28
BICK
Voltage Reference
3
VA+
VA-
5
AGND1
1
19
18
AOUTR
26
CMPO
CALI
27
CALO
8
21
CMPI
22
ACKO
VD+
DGND
Clock Osc/
Divider
11
16
AGND2
AGND3
4
25
14
15
XTI XTO CKS
RST
10
9
17
Interpolator
6
8x
Interpolator
Delta-Sigma
Modulator
Delta-Sigma
Modulator
Delta-Sigma
Modulator
Delta-Sigma
Modulator
S
R
A
M
Analog
Low-Pass
Filter
Analog
Low-Pass
Filter
DAC
DAC
Calibration
Microcontroller
MOSFET
Output
Stage
MOSFET
Output
Stage
Serial Input
Interface
8x
Interpolator
CS4328
Copyright
© Crystal Semiconductor Corporation 1993
(All Rights Reserved)


Similar Part No. - CS4328

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4320U035 HVPSI-CS4320U035 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4320U035 HVPSI-CS4320U035 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
More results

Similar Description - CS4328

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
18-Bit A/D Converter for Digital Audio Applications
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
8-Pin, Stereo A/D Converter for Digital Audio
CS5326 CIRRUS-CS5326 Datasheet
688Kb / 19P
16 & 18-Bit, Stereo A/D Converters for Digital Audio
MAR 92
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com