Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM5906AF Datasheet(PDF) 20 Page - Nippon Precision Circuits Inc

Part # SM5906AF
Description  Shock-proof Memory Controller for Video CD Players
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5906AF Datasheet(HTML) 20 Page - Nippon Precision Circuits Inc

Back Button SM5906AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 24Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
NIPPON PRECISION CIRCUITS-20
SM5906AF
85H (option settings)
– RAMSEL
When 0 : 4M DRAMs (1M
×4 bits)
When 1 : 16M DRAMs (4M
×4 bits)
– YFLGS
When 0 : Sets FLAG6 when YFLAG=0
When 1 : Sets FLAG6 when YFLAG=1
– IBSEL2, IBSEL1
When 0 and 1 : Input bit clock(YSCK)=16-bit mode
When 1 and 1 : Input bit clock(YSCK)=32-bit mode
In all other cases: Input bit clock(YSCK)=24-bit mode
Changing mode without initializing during opera-
tion is possible.
– CDMODE2, CDMODE1
When 0 and 0 : CDDA mode
YSRDATA only is stored as data in DRAM,
with output data on ZSRDATA.
When 1 and 0 : SVC mode
YSRDATA and YC2PO are stored as data
in DRAM, with output data at double speed
if MSON = 1 only (CD-DA mode if MSON
= 0).
In all other cases: VCD mode
YSRDATA and YC2PO are stored as data in
DRAM, with output data on ZSRDATA and
ZC2PO.
Changing mode without initializing during opera-
tion is possible.
83H ( NMSOFF, MUTE, REFRESH, SCOFF settings)
– NMSOFF (new through mode)
When 1: Input signals YSCK, YSRDATA, YLRCK,
YC2PO are connected directly to outputs
ZSCK, ZSRDATA, ZLRCK, ZC2PO as is.
When 0: No operation
– MUTE (forced muting)
When 1: Outputs are instantaneously muted to 0.
(note 1)
Same effect as taking the YDMUTE pin
HIGH.
When 0: No muting (note 1)
(note1) Effective at the start of left-channel output
data.
– MUTE, YDMUTE relationship
When all mute inputs are 0, mute is released.
– REFRESH (refresh mode)
When 1: During momentary pause in shock-proof
mode operation, DRAM is accessed in a
refresh cycle to maintain data written to
DRAM.
When 0: No operation
– SCOFF (SYNC counter off)
A sync counter is used to count 588 data sam-
ples per sync cycle. The counter starts when
sync data is detected, and valid data is updated
after each cycle if sync data is verified. If sync
data is not detected, the SYNCWAR and
SYNCER flags are set.
When 1: The counter is off (sync cycle is not
involved) and valid data is updated when
the sync data is detected and verified.
When 0: Counts the sync cycles, and updates
valid data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com