Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

08SBU Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # 08SBU
Description  8 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

08SBU Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  08SBU Datasheet HTML 1Page - DIOTEC Electronics Corporation 08SBU Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.1
1.0
10
RATING&CHARACTERISTICCURVESFORSERIESSBU8A -SBU8M
DataSheetNo.BSBU-800-2C
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
FIGURE1.FORWARDCURRENTDERATINGCURVE
Temperature, C
o
8 AMP SILICONBRIDGERECTIFIERS
3.1 08sbu
E30
FIGURE5.TYPICAL JUNCTIONCAPACITANCEPERDIODE
FIGURE4.TYPICAL REVERSECHARACTERISTICS
Percent of Rated Peak Reverse Voltage
140
0
20
40
60
80
100
120
NOTE 1
60Hz
0.01
0.1
1.0
10
50
FIGURE3.TYPICAL FORWARDCHARACTERISTICPERDIODE
NOTES
(1) Case Temperature, T With Bridge Mounted on
3.2" Sq. x 0.12" Thick (8.2cm Sq. x 0.3cm)
Aluminum Plate
(2) T = 150 C
(3) T = 25 C; Pulse Width = 300 Sec; 1% Duty Cycle
C,
J
J
o
o
m
(4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p
J
o
10
100
Reverse Voltage, (Volts)
1
100
10
400
NOTE 4
1
10
100
300
350
400
250
200
150
100
50
FIGURE2.MAXIMUMNON-REPETITIVESURGECURRENT
NumberofCyclesat60Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com