Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM99 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM99
Description  LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM99 Datasheet(HTML) 2 Page - Texas Instruments

  LM99_15 Datasheet HTML 1Page - Texas Instruments LM99_15 Datasheet HTML 2Page - Texas Instruments LM99_15 Datasheet HTML 3Page - Texas Instruments LM99_15 Datasheet HTML 4Page - Texas Instruments LM99_15 Datasheet HTML 5Page - Texas Instruments LM99_15 Datasheet HTML 6Page - Texas Instruments LM99_15 Datasheet HTML 7Page - Texas Instruments LM99_15 Datasheet HTML 8Page - Texas Instruments LM99_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Control Logic
One Shot
Register
Remote Offset
Registers
Local/Remote
Temperature
Registers
HIGH
Limit
Registers
LOW
Limit
Registers
T_CRIT Limit
& Hysteresis
Registers
Configuration
and Status
Registers
Conversion
Rate
Registers
Two-Wire Serial
Interface
Local/Remote
Diode Selector
Temperature
Sensor
Circuitry
10-Bit Plus Sign
'-6
Converter
Programable
Level
Filter
Fault
Queue
Fault
Queue
Fault
Queue
S
R
3.0V-3.6V
D+
D-
T_Crit_A
ALERT
SMBData
SMBClock
Q
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagram
Figure 1. VSSOP-8
TOP VIEW
PIN DESCRIPTIONS
Label
Pin #
Function
Typical Connection
DC Voltage from 3.0 V to 3.6 V. VDD should be bypassed with
a 0.1 µF capacitor in parallel with 100 pF to ground. The 100
VDD
1
Positive Supply Voltage Input
pF capacitor should be placed as close as possible to the
power supply pin. A bulk capacitance of approximately 10 µF
needs to be in the vicinity of the LM99 VDD.
To Diode Anode. Connected to the collector and base of the
D+
2
Diode Current Source
remote discrete diode-connected transistor. Connect a 2.2 nF
capacitor between pins 2 and 3.
To Diode Cathode. Connects to the emitter of the remote
D
−
3
Diode Return Current Sink
diode-connected transistor. Connect a 2.2 nF capacitor
between pins 2 and 3.
T_CRIT Alarm Output, Open-
Pull-Up Resistor, Controller Interrupt or Power Supply
T_CRIT_A
4
Drain, Active-Low
Shutdown Control
GND
5
Power Supply Ground
Ground
Interrupt Output, Open-Drain,
ALERT
6
Pull-Up Resistor, Controller Interrupt or Alert Line
Active-Low
SMBus Bi-Directional Data Line,
SMBData
7
From and to Controller, Pull-Up Resistor
Open-Drain Output
SMBCLK
8
SMBus Input
From Controller, Pull-Up Resistor
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com