Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD03 Datasheet(PDF) 2 Page - Diotech Company.

Part # SD03
Description  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SD03 Datasheet(HTML) 2 Page - Diotech Company.

  SD03 Datasheet HTML 1Page - Diotech Company. SD03 Datasheet HTML 2Page - Diotech Company. SD03 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD03 THRU SD36
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
℃
℃
℃
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e-t
td = IPP/2
Waveform
Parameters
tr = 8µs
td = 20µs
0.01
1
10
100
1,000
td- Pulse Duration - µs
10
100
1,000
10,000
500W, 8/20µs Waveform
400W, 8/20µs Waveform
PEAK PULSE POWER VS PULSE TIME
DIVICE CHARACTERISTIC
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
500
260 (10 sec.)
-55 ~ 150
-55 ~ 150
UNITS
Watts
Peak Pulse Power (tp=8/20μs waveform)
Lead Soldering Temperature
Operating Temperature Range
Storage Temperature Range
PPP
TL
TJ
TSTG
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART NUMBER
VRWM
(V)
(max.)
VB
(V)
(min.)
IT
(mA)
VC
@1mA
(max.)
VC
(max.)
(@A)
IR
(μA)
(max.)
CT
(pF)
(max.)
SD03
3.3
4
6
13.3
16.7
20
26.7
40
1
1
1
1
1
1
1
6.5
9.8
19
24
29
43
60
10.9
13.5
25.9
30
40
48
75
30
24
15
12
9
8
5
40
10
1
1
1
1
1
500
350
150
100
90
90
75
5
12
15
18
24
36
SD05
SD12
SD15
SD18
SD24
SD36



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com