Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EM44DM0888LBA Datasheet(PDF) 21 Page - Eorex Corporation

Part # EM44DM0888LBA
Description  Double DATA RATE 2 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44DM0888LBA Datasheet(HTML) 21 Page - Eorex Corporation

Back Button EM44DM0888LBA_15 Datasheet HTML 17Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 18Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 19Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 20Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 21Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 22Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 23Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 24Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 25Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
EM44DM0888LBA
Feb. 2012
21/29
www.eorex.com
Initialization
The following sequence is required for power-up and initialization and is shown in below Figure:
1. Apply power and attempt to maintain CKE below 0.2 * VDDQ and ODT at a low state (all other inputs may be
undefined). To guarantee ODT off, VREF must be valid and a low level must be applied to the ODT pin.
- VDD, VDDL and VDDQ are driven from a single power converter output, and VTT is limited to 0.95 V max,
and VREF tracks VDDQ/2 or
- Apply VDD before or at the same time as VDDL; Apply VDDL before or at the same time as VDDQ;
- Apply VDDQ before or at the same time as VTT & VREF. at least one of these two sets of conditions must be
met.
2. Start clock (CK, /CK) and maintain stable power and clock condition for a minimum of 200 µs.
3. Apply NOP or Deselect commands & take CKE high.
4. Wait minimum of 400ns, then issue a Precharge-all command.
5. Issue Reserved command EMRS(2) or EMRS(3).
6. Issue EMRS(1) command to enable DLL. (A0=0 and BA0=1 and BA1=0)
7. Issue MRS Command (Mode Register Set) for "DLL reset". (A8=1 and BA0=BA1=0)
8. Issue Precharge-All command.
9. Issue 2 or more Auto-Refresh commands.
10. Issue a MRS command with low on A8 to initialize device operation. (Without resetting the DLL)
11. At least 200 clocks after step 8, execute OCD Calibration (Off Chip Driver impedance adjustment). If OCD
calibration is not used, EMRS OCD Default command (A9=A8=A7=1) followed by EMRS(1) OCD Calibration
Mode Exit command (A9=A8=A7=0) must be issued with other parameters of EMRS(1).
12. The DDR2 SDRAM is now initialized and ready for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com