Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SQAC0806 Datasheet(PDF) 1 Page - Allied Components International

Part # SQAC0806
Description  SMD Square Air Core Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SQAC0806 Datasheet(HTML) 1 Page - Allied Components International

  SQAC0806 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Square Air Core Inductors
SQAC0806
1.829±0.254
1.829±0.254
1.829±0.254
1.829±0.254
1.829±0.254
1.397±0.102
1.397±0.102
1.397±0.102
1.397±0.102
1.397±0.102
0.51
0.51
0.51
0.51
0.51
Allied
Part
Number
SQAC0806-5N5( )-RC
SQAC0806-6N0( )-RC
SQAC0806-8N9( )-RC
SQAC0806-12N( )-RC
SQAC0806-16N( )-RC
1.346±0.102
1.295±0.102
1.626±0.152
1.930±0.152
2.286±0.152
M1
To complete part number insert tolerance designator: J=±5%, K=±10%
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Dimensions: (Unit: mm)
.962
1.02
1.32
2.6
1.63
1.96
2.6
2.6
2.6
2.6
M5
All specifications subject to change without notice.
Features
• High SRF’s for high frequency
Flat top cap for pick and place
• High current capability
• Excellent for high Q applications
Electrical
Impedance range:
5.5nH to 19nH
Tolerance:
Operating Temp: -40ºC to +125ºC
Test Frequency: 400Mhz
available in 5% & 10%
Test Equipment
(SRF):
HP8753E or HP8720D
(L/Q):
HP4291B with HP16193
Physical
Packaging: 2000 per Tape and Reel
Marking: None
05/04/2015
1.829±0.254
1.397±0.102
0.51
SQAC0806-19N( )-RC
2.591±0.152
2.29
2.6
6.0
8.9
12.3
15.7
60
64
90
90
90
3.4
6.0
7.0
8.0
9.0
2.9
2.9
2.9
2.9
2.9
Allied
Part
Number
SQAC0806-5N5( )-RC
SQAC0806-6N0( )-RC
SQAC0806-8N9( )-RC
SQAC0806-12N( )-RC
SQAC0806-16N( )-RC
3
3
4
5
6
Turns
Inductance
(nh)
Q
Min.
DCR
Max
Rated
Current (A)
Max
400
400
400
400
400
Test
Freq.
(MHz)
4.9
5.2
4.3
4.8
4.4
SRF
Min.
(GHz)
19.4
90
10.0
2.9
SQAC0806-19N( )-RC
7
400
4.0
M6
M2
M4
M3
5.5
RoHS & Halogen Free
MSL Level 1
applications
assembly
MAX.
MIN.


Similar Part No. - SQAC0806

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SQAC0807 ALLIED-SQAC0807 Datasheet
883Kb / 1P
SMD Square Air Core Inductors
SQAC0807-10N-RC ALLIED-SQAC0807-10N-RC Datasheet
883Kb / 1P
SMD Square Air Core Inductors
SQAC0807-11N-RC ALLIED-SQAC0807-11N-RC Datasheet
883Kb / 1P
SMD Square Air Core Inductors
SQAC0807-14N-RC ALLIED-SQAC0807-14N-RC Datasheet
883Kb / 1P
SMD Square Air Core Inductors
SQAC0807-17N-RC ALLIED-SQAC0807-17N-RC Datasheet
883Kb / 1P
SMD Square Air Core Inductors
More results

Similar Description - SQAC0806

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
344Kb / 3P
Square Air Core Inductors
0807SQ-14NJLB COILCRAFT-0807SQ-14NJLB Datasheet
249Kb / 3P
Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
Square Air Core Inductors
logo
Allied Components Inter...
SQAC0807 ALLIED-SQAC0807 Datasheet
883Kb / 1P
SMD Square Air Core Inductors
SQAC1515 ALLIED-SQAC1515 Datasheet
1Mb / 1P
SMD Square Air Core Inductors
SQAC2222 ALLIED-SQAC2222 Datasheet
1Mb / 1P
SMD Square Air Core Inductors
SQAC2929 ALLIED-SQAC2929 Datasheet
1Mb / 1P
SMD Square Air Core Inductors
logo
Coilcraft lnc.
1515SQ COILCRAFT-1515SQ Datasheet
546Kb / 3P
Square Air Core Inductors
0806SQ-5N5GLC COILCRAFT-0806SQ-5N5GLC_16 Datasheet
335Kb / 3P
Square Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com