Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DVC75 Datasheet(PDF) 1 Page - Powerbox

Part # DVC75
Description  4 0 - 7 7 WAT T S D C / D C C O N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DVC75 Datasheet(HTML) 1 Page - Powerbox

  DVC75 Datasheet HTML 1Page - Powerbox DVC75 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DOC. NO. PBC9 REV.C 28-4-11
96
INPUT
Input range
12VDC
10-20VDC
24VDC
17-40VDC model dependant
36VDC
25-70VDC model dependant
48VDC
33-90VDC
110VDC
56-154VDC
Transient over voltage
(20ms, one time)
25-35V @ 12VDC
50-52V @ 24VDC model dependant
80-90V @ 36VDC model dependant
100-110V @ 48VDC model dependant
220V @ 110VDC
Reverse polarity
protection
External input fuse is blown
OUTPUT
Output voltage
See table
Output current
See table
Output voltage
tolerance
±3% @ 5VDC model
±1% @ 12-24VDC models
Load regulation static
±1.5% typical model dependant
0-100% load
Regulation time
≤0.5ms, ≤1ms for DVC251
Line regulation
±0.1%
Temperature drift
0.2% typ 0 - 60°C
0.5% typ -25 - 60°C
Ripple & noise
100mVp-p
Over voltage protection
Protective shut down, self reset after
cool down
Efficiency
85-92% model dependant
ENVIRONMENT
Ambient temperature
-40°C - 75°C with derating, Max baseplate
temperature 100°C
Storage temperature
-40°C - 85°C
Over temperature
protection
Protective shut down, self reset after
cool down
Humidity
100% relative humidity, dewing permitted
Cooling
Natural convection / cooling via contact to
mounting surface
STANDARDS
Safety
Designed to meet EN60950, EN1175
Protective degree
IP67 (not connector)
Insulation
Input to output: 1.5kV, 500V for 12/24 models
Input to case: 1.5kV, 500V for 12/24 models
Output to case: 500V
EMC
Designed to meet EN55011 Class B,
EN61000-6-2
MECHANICAL
Case size & weight
DVC75: 110 x 68 x 38mm, 450g
DVC125/150: 156 x 85 x 40mm, 1000g
DVC251: 153 x131 x 50mm, 950g
DVC500: 222 x 16 x 50mm, 2750g
OPTIONS
Custom device
Individual cable loom, alternative input /
output voltages
Version with “E” mark (E1approval)
for road vehicle
Variants for railway applications
FEATURES
Designed for rugged environment
Rugged construciton / potted device
Protection against harsh conditions
DC/DC wide range input
Filtered against input transients
Input-Output galvanic seperation 1.5kV
Designed to EN60950, EN1175
High efficiency
Regulated output
Short-circuit / No-load protection
Over temperature protection
SPECIFICATIONS
DVC75
40-77 W A TTS DC/DC CONVER TER


Similar Part No. - DVC75

ManufacturerPart #DatasheetDescription
logo
LEM
DVC1000-P LEM-DVC1000-P Datasheet
1Mb / 9P
Voltage transducer DVC 1000-P
28February2018
logo
Powerbox
DVC125 POWERBOX-DVC125 Datasheet
97Kb / 2P
9 7 . 5 - 1 3 2 WAT T S D C / D C C O N V E R T E R
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
logo
Texas Instruments
DVC5416PGE160IDWLD TI1-DVC5416PGE160IDWLD Datasheet
881Kb / 98P
Fixed-Point Digital Signal Processor
More results

Similar Description - DVC75

ManufacturerPart #DatasheetDescription
logo
Powerbox
24V POWERBOX-24V Datasheet
210Kb / 1P
75 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
28V POWERBOX-28V Datasheet
53Kb / 1P
5 0 - 2 0 0 WAT T S - D C / D C C O N V E R T E R S
110V POWERBOX-110V Datasheet
238Kb / 1P
5 0 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
150V POWERBOX-150V Datasheet
240Kb / 1P
7 5 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
300V POWERBOX-300V Datasheet
263Kb / 1P
5 0 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
375V POWERBOX-375V Datasheet
211Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R S
B62SR POWERBOX-B62SR Datasheet
957Kb / 2P
3 0 0 WAT T S D C / D C C O N V E R T E R
DVC125 POWERBOX-DVC125 Datasheet
97Kb / 2P
9 7 . 5 - 1 3 2 WAT T S D C / D C C O N V E R T E R
PB315 POWERBOX-PB315 Datasheet
142Kb / 1P
5 0 0 WAT T S R O L L I N G S T O C K D C / D C C O N V E R T E R
PBSP740 POWERBOX-PBSP740 Datasheet
304Kb / 2P
7 2 V D C , 4 0 0 0 WAT T S R A I LWAY D C / A C I N V E R T E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com