Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC1602-L Datasheet(PDF) 1 Page - Powertip Technology

Part # PC1602-L
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC1602-L Datasheet(HTML) 1 Page - Powertip Technology

  PC1602-L Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
122.0 x 44.0
99.0 x 24.0
0.92 x 1.10
0.98 x 1.16
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
4.9 / 9.0
4.9 / 9.0
9.4 / 13.5
Vdd+0.3
V
V
V
13
7
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
NW
7.1
4.5
4.1
Vdd=5V
4
5.7
6.1
ELECTRICAL CHARACTERISTICS
Typical
NW
Max. Units
V
4.7
4.5
4.4
7.9
6.7
6.3
V
V
V
V
V
mA
mA
mA
3
NW
7.5
4.5
4.3
4.2
6
6.4
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vss
Vdd
Vo
RS
R/W
E
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Power supply(GND)
Power supply(+)
Contrast Adjust
Register select signal
Data read / write
Enable signal
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
2
360
Power supply voltage
Vdd-Vss
25oC
V
2.7
5.5
PC 1602-L
PC 1602-L
120
LCD PANEL
BACKLIGHT
SEG 40
COM 16
LCD
CONTROLLER
LSI
DB7
DB0
E
R/W
RS
Vss
Vdd
Vo
A
K
6.0
4.84
0.06
0.92
CONTROL SIGNALS 4
SEGMENT DRIVER
SEG 40
1.6
H2
H1
4- 3.5
K
A
8- 1.0
115.0
122.0 0.5
P2.54 x 13=33.02
14- 1.0
3.5
11.0
1.8
K
A
3.5
94.84
99.0
106.5
7.75


Similar Part No. - PC1602-L

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1602-E POWERTIP-PC1602-E Datasheet
74Kb / 1P
PC1602-E
PC1602-G POWERTIP-PC1602-G Datasheet
71Kb / 1P
POWERTIP DISPL DEVICES FOR BET
PC1602-H POWERTIP-PC1602-H Datasheet
178Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-J POWERTIP-PC1602-J Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-K-Y4 POWERTIP-PC1602-K-Y4 Datasheet
66Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PC1602-L

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com