Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z86L88 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86L88
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L88 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86L88 Datasheet HTML 17Page - Zilog, Inc. Z86L88 Datasheet HTML 18Page - Zilog, Inc. Z86L88 Datasheet HTML 19Page - Zilog, Inc. Z86L88 Datasheet HTML 20Page - Zilog, Inc. Z86L88 Datasheet HTML 21Page - Zilog, Inc. Z86L88 Datasheet HTML 22Page - Zilog, Inc. Z86L88 Datasheet HTML 23Page - Zilog, Inc. Z86L88 Datasheet HTML 24Page - Zilog, Inc. Z86L88 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
21
1
Port 2 (P27-P20). Port 2 is an 8-bit, bidirectional, CMOS
compatible I/O port. These eight I/O lines can be indepen-
dently configured under software control as inputs or out-
puts. Port 2 is always available for I/O operation. A mask
option is available to connect eight 200 kOhms (
±50%)
pull-up resistors on this port. Bits programmed as outputs
are globally programmed as either push-pull or open-
drain. Port 2 may be placed under handshake control. In
this configuration, Port 3 lines, P31 and P36 are used as
the handshake controls lines /DAV2 and RDY2. The hand-
shake signal assignment for Port 3, lines P31 and P36 is
dictated by the direction (input or output) assigned to Bit 7,
Port 2 (Figure 15). The CCP POR resets with the eight bits
of Port 2 configured as inputs with open-drain outputs.
Port 2 also has an 8-bit input OR and an AND gate which
can be used to wake up the part (Figure 41). P20 can be
programmed to access the edge selection circuitry (Figure
24).
Figure 15. Port 2 Configuration
Open-Drain
OEN
Out
In
PAD
Port 2 (I/O)
Optional
Handshake Controls
/DAV2 and RDY2
(P31 and P36)
Z86LXX
MCU
VCC
200 k
Ω
Mask
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com